Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19244F33A-E8T1U Datasheet(PDF) 35 Page - ABLIC Inc.

Part # S-19244F33A-E8T1U
Description  AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19244F33A-E8T1U Datasheet(HTML) 35 Page - ABLIC Inc.

Back Button S-19244F33A-E8T1U Datasheet HTML 31Page - ABLIC Inc. S-19244F33A-E8T1U Datasheet HTML 32Page - ABLIC Inc. S-19244F33A-E8T1U Datasheet HTML 33Page - ABLIC Inc. S-19244F33A-E8T1U Datasheet HTML 34Page - ABLIC Inc. S-19244F33A-E8T1U Datasheet HTML 35Page - ABLIC Inc. S-19244F33A-E8T1U Datasheet HTML 36Page - ABLIC Inc. S-19244F33A-E8T1U Datasheet HTML 37Page - ABLIC Inc. S-19244F33A-E8T1U Datasheet HTML 38Page - ABLIC Inc. S-19244F33A-E8T1U Datasheet HTML 39Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244xxxA Series
35
3. Dropout voltage vs. Output current
3. 1 VOUT = 3.0 V
3. 2 VOUT = 6.0 V
1200
0
IOUT [mA]
0.00
0.30
0.10
0.40
0.20
0.50
0.60
600
200
800
400
1000
Tj =
+150C
Tj =
+125C
Tj =
+25C
Tj =
40C
1200
0
IOUT [mA]
0.00
0.30
0.10
0.40
0.20
0.50
0.60
600
200
800
400
1000
Tj =
+150C
Tj =
+125C
Tj =
+25C
Tj =
40C
4. Dropout voltage vs. Junction temperature
4. 1 VOUT = 3.0 V
4. 2 VOUT = 6.0 V
−25 0
150
125
100
75
50
25
−40
0.00
0.30
0.25
0.20
0.15
0.10
0.05
Tj [
C]
IOUT = 30 mA
IOUT = 300 mA
−25 0
150
125
100
75
50
25
−40
0.00
0.30
0.25
0.20
0.15
0.10
0.05
Tj [
C]
IOUT = 30 mA
IOUT = 300 mA
5. Dropout voltage vs. Set output voltage (Ta =
+25°C)
6.0
2.5
0.00
VOUT [V]
0.30
0.10
0.40
0.20
0.50
5.5
5.0
4.5
4.0
3.5
3.0
0.60
IOUT = 1000 mA
IOUT = 10 mA
IOUT = 300 mA
IOUT = 500 mA


Similar Part No. - S-19244F33A-E8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19244F33A-E8T1U SII-S-19244F33A-E8T1U Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S-19244F33A-E8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com