Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212D60A-E6T1U Datasheet(HTML) 17 Page - ABLIC Inc.

Part No. S-19212D60A-E6T1U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212D60A-E6T1U Datasheet(HTML) 17 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19212B/DxxA Series
17
6. Thermal shutdown circuit
The S-19212B/DxxA Series has a built-in thermal shutdown circuit to limit overheating. When the junction
temperature increases to 165
°C typ., the thermal shutdown circuit becomes the detection status, and the regulating
is stopped. When the junction temperature decreases to 140
°C typ., the thermal shutdown circuit becomes the
release status, and the regulator is restarted.
If the thermal shutdown circuit becomes the detection status due to self-heating, the regulating is stopped and VOUT
decreases. For this reason, the self-heating is limited and the temperature of the IC decreases. The thermal
shutdown circuit becomes release status when the temperature of the IC decreases, and the regulating is restarted,
thus the self-heating is generated again. Repeating this procedure makes the waveform of VOUT into a pulse-like
form. This phenomenon continues unless decreasing either or both of the input voltage and the output current in
order to reduce the internal power consumption, or decreasing the ambient temperature. Note that the product may
suffer physical damage such as deterioration if the above phenomenon occurs continuously.
Caution 1. When the heat radiation of the application is not in a good condition, the self-heating cannot be
limited immediately, and the IC may suffer physical damage. Perform thorough evaluation
including the temperature characteristics with an actual application to confirm no problems
happen.
2. If a large load current flows during the restart process of regulating after the thermal shutdown
circuit changes to the release status from the detection status, the thermal shutdown circuit
becomes the detection status again due to self-heating, and a problem may happen in the
restart of regulating. A large load current, for example, occurs when charging to the CL whose
capacitance is large.
Perform thorough evaluation including the temperature characteristics with an actual
application to select CL.
Table 15
Thermal Shutdown Circuit
VOUT Pin Voltage
Release: 140
°C typ.*1
Constant value*2
Detection: 165
°C typ.*1
Pulled down to VSS*3
*1. Junction temperature
*2. The constant value is output due to the regulating based on the set output voltage value.
*3. The VOUT pin voltage is pulled down to VSS due to the feedback resistors (Rs and Rf) and a load.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn