Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212D60A-E6T1U Datasheet(HTML) 20 Page - ABLIC Inc.

Part No. S-19212D60A-E6T1U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212D60A-E6T1U Datasheet(HTML) 20 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
20
3. Dropout voltage vs. Output current
3. 1 VOUT = 2.5 V
3. 2 VOUT = 5.0 V
50
100
150
200
250
0
IOUT [mA]
1.2
0.0
0.6
0.2
0.8
0.4
1.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
50
100
150
200
250
0
IOUT [mA]
1.2
0.0
0.6
0.2
0.8
0.4
1.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
3. 3 VOUT = 16.0 V
50
100
150
200
250
0
IOUT [mA]
1.2
0.0
0.6
0.2
0.8
0.4
1.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
4. Dropout voltage vs. Junction temperature
4. 1 VOUT = 2.5 V
4. 2 VOUT = 5.0 V
−25 0
150
125
100
75
50
25
−40
0.0
0.6
0.5
0.4
0.3
0.2
0.1
Tj [
°C]
IOUT = 10 mA
IOUT = 125 mA
−25 0
150
125
100
75
50
25
−40
0.0
0.6
0.5
0.4
0.3
0.2
0.1
Tj [
°C]
IOUT = 10 mA
IOUT = 125 mA
4. 3 VOUT = 16.0 V
−25 0
150
125
100
75
50
25
−40
0.0
0.6
0.5
0.4
0.3
0.2
0.1
Tj [
°C]
IOUT = 10 mA
IOUT = 125 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn