Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19243E33H-A8T1U Datasheet(HTML) 8 Page - ABLIC Inc.

Part No. S-19243E33H-A8T1U
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19243E33H-A8T1U Datasheet(HTML) 8 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 74 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxH Series
Rev.3.2_00
8
4. Product name list
4. 1 S-19243xxxH Series A type
ON / OFF logic
: Active "H"
Discharge shunt function : Available
Pull-down resistor
: Available
Soft-start time
: Fixed to tSS = 1.0 ms typ.
Table 3
Output Voltage
HSOP-8A
HSOP-6
SOT-89-5
HSNT-8(2030)
Externally set
S-19243A00H-E6T1U
1.2 V
± 2.3%
S-19243A12H-E8T1U
S-19243A12H-E6T1U
S-19243A12H-U5T1U
S-19243A12H-A8T1U
1.8 V
± 2.3%
S-19243A18H-E8T1U
S-19243A18H-E6T1U
S-19243A18H-U5T1U
S-19243A18H-A8T1U
3.3 V
± 2.3%
S-19243A33H-E8T1U
S-19243A33H-E6T1U
S-19243A33H-U5T1U
S-19243A33H-A8T1U
5.0 V
± 2.3%
S-19243A50H-E8T1U
S-19243A50H-E6T1U
S-19243A50H-U5T1U
S-19243A50H-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 2 S-19243xxxH Series B type
ON / OFF logic
: Active "H"
Discharge shunt function : Available
Pull-down resistor
: Unavailable
Soft-start time
: Fixed to tSS = 1.0 ms typ.
Table 4
Output Voltage
HSOP-8A
HSOP-6
SOT-89-5
HSNT-8(2030)
Externally set
S-19243B00H-E6T1U
1.2 V
± 2.3%
S-19243B12H-E8T1U
S-19243B12H-E6T1U
S-19243B12H-U5T1U
S-19243B12H-A8T1U
1.8 V
± 2.3%
S-19243B18H-E8T1U
S-19243B18H-E6T1U
S-19243B18H-U5T1U
S-19243B18H-A8T1U
3.3 V
± 2.3%
S-19243B33H-E8T1U
S-19243B33H-E6T1U
S-19243B33H-U5T1U
S-19243B33H-A8T1U
5.0 V
± 2.3%
S-19243B50H-E8T1U
S-19243B50H-E6T1U
S-19243B50H-U5T1U
S-19243B50H-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 3 S-19243xxxH Series C type
ON / OFF logic
: Active "H"
Discharge shunt function : Unavailable
Pull-down resistor
: Available
Soft-start time
: Fixed to tSS = 1.0 ms typ.
Table 5
Output Voltage
HSOP-8A
HSOP-6
SOT-89-5
HSNT-8(2030)
Externally set
S-19243C00H-E6T1U
1.2 V
± 2.3%
S-19243C12H-E8T1U
S-19243C12H-E6T1U
S-19243C12H-U5T1U
S-19243C12H-A8T1U
1.8 V
± 2.3%
S-19243C18H-E8T1U
S-19243C18H-E6T1U
S-19243C18H-U5T1U
S-19243C18H-A8T1U
3.3 V
± 2.3%
S-19243C33H-E8T1U
S-19243C33H-E6T1U
S-19243C33H-U5T1U
S-19243C33H-A8T1U
5.0 V
± 2.3%
S-19243C50H-E8T1U
S-19243C50H-E6T1U
S-19243C50H-U5T1U
S-19243C50H-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 4 S-19243xxxH Series D type
ON / OFF logic
: Active "H"
Discharge shunt function : Unavailable
Pull-down resistor
: Unavailable
Soft-start time
: Fixed to tSS = 1.0 ms typ.
Table 6
Output Voltage
HSOP-8A
HSOP-6
SOT-89-5
HSNT-8(2030)
Externally set
S-19243D00H-E6T1U
1.2 V
± 2.3%
S-19243D12H-E8T1U
S-19243D12H-E6T1U
S-19243D12H-U5T1U
S-19243D12H-A8T1U
1.8 V
± 2.3%
S-19243D18H-E8T1U
S-19243D18H-E6T1U
S-19243D18H-U5T1U
S-19243D18H-A8T1U
3.3 V
± 2.3%
S-19243D33H-E8T1U
S-19243D33H-E6T1U
S-19243D33H-U5T1U
S-19243D33H-A8T1U
5.0 V
± 2.3%
S-19243D50H-E8T1U
S-19243D50H-E6T1U
S-19243D50H-U5T1U
S-19243D50H-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn