Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G79GM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1G79GM
Description  Low-power D-type flip-flop; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G79GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G79GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 14Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
9397 750 14682
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 12 September 2005
11 of 20
Philips Semiconductors
74AUP1G79
Low-power D-type flip-flop; positive-edge trigger
[1]
All typical values are measured at nominal VCC.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[3]
The condition is VI = GND to VCC.
tW
CP pulse width HIGH or LOW
see Figure 6
VCC = 0.8 V
---ns
VCC = 1.1 V to 1.3 V
-
2.4
-
ns
VCC = 1.4 V to 1.6 V
-
1.3
-
ns
VCC = 1.65 V to 1.95 V
-
0.9
-
ns
VCC = 2.3 V to 2.7 V
-
0.7
-
ns
VCC = 3.0 V to 3.6 V
-
0.6
-
ns
CPD
power dissipation capacitance
f = 10 MHz
[2] [3]
VCC = 0.8 V
-
2.2
-
pF
VCC = 1.1 V to 1.3 V
-
2.2
-
pF
VCC = 1.4 V to 1.6 V
-
2.2
-
pF
VCC = 1.65 V to 1.95 V
-
2.3
-
pF
VCC = 2.3 V to 2.7 V
-
2.6
-
pF
VCC = 3.0 V to 3.6 V
-
3.0
-
pF
Table 9:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit


Similar Part No. - 74AUP1G79GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G79GM NXP-74AUP1G79GM Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
logo
Nexperia B.V. All right...
74AUP1G79GM NEXPERIA-74AUP1G79GM Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results

Similar Description - 74AUP1G79GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
74AUP1G80 NEXPERIA-74AUP1G80 Datasheet
295Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 7 - 23 January 2023
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com