Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD-426EWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELD-426EWA
Description  Technical Data Sheet 0.4 Dual Digit Displays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-426EWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELD-426EWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-426EWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-426EWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-426EWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-426EWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.4" Dual Digit Displays
ELD-426EWA
█ Features :
Industrial standard size.
Low power consumption.
Categorized for luminous intensity.
Pb free
█ Descriptions :
● The ELD-426 series is a large 10.16 mm
(0.4")high seven segment display
designed for viewing distances up to
7 meters.
● These displays provide excellent
reliability in bright ambient light.
● These devices are made with white
segments and gray surface.
█ Applications :
Audio equipment
Instrument panels
Digital read out display
Chip
Material
Emitted Color
GaAsP/GaP
Orange
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 1 of 5
Device Number :CDDD-426-072
Prepared date:2004/06/28
Prepared by: Yanfang Gao
ELD-426EWA
PART NO.


Similar Part No. - ELD-426EWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-426GWA EVERLIGHT-ELD-426GWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWA EVERLIGHT-ELD-426SURWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWA/S530-A2 EVERLIGHT-ELD-426SURWA/S530-A2 Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWB EVERLIGHT-ELD-426SURWB Datasheet
123Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWB-S530-A3 EVERLIGHT-ELD-426SURWB-S530-A3 Datasheet
128Kb / 5P
   0.4" Dual Digit Displays
More results

Similar Description - ELD-426EWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-425GWA EVERLIGHT-ELD-425GWA Datasheet
125Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-425SURWB EVERLIGHT-ELD-425SURWB Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426GWA EVERLIGHT-ELD-426GWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWB EVERLIGHT-ELD-426SURWB Datasheet
123Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWA EVERLIGHT-ELD-426SURWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-425EWA EVERLIGHT-ELD-425EWA Datasheet
126Kb / 5P
   Technical Data Sheet 0.4 Displays
ELD-511EWA EVERLIGHT-ELD-511EWA Datasheet
196Kb / 5P
   Technical Data Sheet 0.56inch Dual Digit Displays
ELD-512GWB EVERLIGHT-ELD-512GWB Datasheet
210Kb / 5P
   Technical Data Sheet 0.56 Dual Digit Displays
S2325SYGWA-S530-E2 EVERLIGHT-S2325SYGWA-S530-E2 Datasheet
124Kb / 6P
   Technical Data Sheet 2.3" Single Digit Displays
S816USOWA-S530-A3 EVERLIGHT-S816USOWA-S530-A3 Datasheet
125Kb / 6P
   Technical Data Sheet 0.8" Single Digit Displays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com