Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD-426EWA Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELD-426EWA
Description  Technical Data Sheet 0.4 Dual Digit Displays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-426EWA Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELD-426EWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-426EWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-426EWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-426EWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-426EWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.4" Dual Digit Displays
ELD-426EWA
Package Dimensions
Notes: 1.All dimensions arein millimeters, tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 2 of 5
Device Number :CDDD-426-072
Prepared date:2004/06/28
Prepared by: Yanfang Gao


Similar Part No. - ELD-426EWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-426GWA EVERLIGHT-ELD-426GWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWA EVERLIGHT-ELD-426SURWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWA/S530-A2 EVERLIGHT-ELD-426SURWA/S530-A2 Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWB EVERLIGHT-ELD-426SURWB Datasheet
123Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWB-S530-A3 EVERLIGHT-ELD-426SURWB-S530-A3 Datasheet
128Kb / 5P
   0.4" Dual Digit Displays
More results

Similar Description - ELD-426EWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-425GWA EVERLIGHT-ELD-425GWA Datasheet
125Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-425SURWB EVERLIGHT-ELD-425SURWB Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426GWA EVERLIGHT-ELD-426GWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWB EVERLIGHT-ELD-426SURWB Datasheet
123Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWA EVERLIGHT-ELD-426SURWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-425EWA EVERLIGHT-ELD-425EWA Datasheet
126Kb / 5P
   Technical Data Sheet 0.4 Displays
ELD-511EWA EVERLIGHT-ELD-511EWA Datasheet
196Kb / 5P
   Technical Data Sheet 0.56inch Dual Digit Displays
ELD-512GWB EVERLIGHT-ELD-512GWB Datasheet
210Kb / 5P
   Technical Data Sheet 0.56 Dual Digit Displays
S2325SYGWA-S530-E2 EVERLIGHT-S2325SYGWA-S530-E2 Datasheet
124Kb / 6P
   Technical Data Sheet 2.3" Single Digit Displays
S816USOWA-S530-A3 EVERLIGHT-S816USOWA-S530-A3 Datasheet
125Kb / 6P
   Technical Data Sheet 0.8" Single Digit Displays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com