Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD426SURWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELD426SURWA
Description  Technical Data Sheet 0.4 Dual Digit Displays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD426SURWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELD426SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD426SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD426SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD426SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD426SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.4" Dual Digit Displays
ELD-426SURWA/S530-A2
Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current(Duty 1/10
@ 1KHZ)
IF(Peak)
160
mA
Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
----
2.8
----
IF=2mA
4.0
11.0
----
IF=10mA
----
1.1
----
IF=2mA
1.4
3.2
----
IF=10mA
Peak Wavelength
λp
----
632
----
nm
IF=20mA
Dominant Wavelength
λd
----
624
----
nm
IF=20mA
Spectrum Radiation
Bandwidth
λ
----
20
----
nm
IF=20mA
Forward Voltage
VF
----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
µA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 3 of 5
Device Number :CDDD-426-027
Prepared date:2004/06/28
Prepared by: Yanfang Gao
Luminous
Per segment
Iv
mcd
Intensity
Per decimal point
mcd


Similar Part No. - ELD426SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD426SURWB EVERLIGHT-ELD426SURWB Datasheet
123Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD426SURWB/S530-A3 EVERLIGHT-ELD426SURWB/S530-A3 Datasheet
123Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
More results

Similar Description - ELD426SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-426EWA EVERLIGHT-ELD-426EWA Datasheet
125Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-425GWA EVERLIGHT-ELD-425GWA Datasheet
125Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-425SURWB EVERLIGHT-ELD-425SURWB Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426GWA EVERLIGHT-ELD-426GWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWB EVERLIGHT-ELD-426SURWB Datasheet
123Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-425EWA EVERLIGHT-ELD-425EWA Datasheet
126Kb / 5P
   Technical Data Sheet 0.4 Displays
ELD-511EWA EVERLIGHT-ELD-511EWA Datasheet
196Kb / 5P
   Technical Data Sheet 0.56inch Dual Digit Displays
ELD-512GWB EVERLIGHT-ELD-512GWB Datasheet
210Kb / 5P
   Technical Data Sheet 0.56 Dual Digit Displays
S2325SYGWA-S530-E2 EVERLIGHT-S2325SYGWA-S530-E2 Datasheet
124Kb / 6P
   Technical Data Sheet 2.3" Single Digit Displays
S816USOWA-S530-A3 EVERLIGHT-S816USOWA-S530-A3 Datasheet
125Kb / 6P
   Technical Data Sheet 0.8" Single Digit Displays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com