Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10198 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10198
Description  Monostable Multivibrator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10198 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10198 Datasheet HTML 1Page - ON Semiconductor MC10198 Datasheet HTML 2Page - ON Semiconductor MC10198 Datasheet HTML 3Page - ON Semiconductor MC10198 Datasheet HTML 4Page - ON Semiconductor MC10198 Datasheet HTML 5Page - ON Semiconductor MC10198 Datasheet HTML 6Page - ON Semiconductor MC10198 Datasheet HTML 7Page - ON Semiconductor MC10198 Datasheet HTML 8Page - ON Semiconductor MC10198 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC10198
MOTOROLA
MECL Data
DL122 — Rev 6
3–174
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
110
80
100
110
mAdc
Input Current
IinH
5, 10
13
15
415
350
560
260
220
350
260
220
350
µAdc
IinL
5
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
3
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
3
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
3
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
3
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
Trigger Input
tT+Q+
tT–Q+
3
3
2.5
2.5
6.5
6.5
2.5
2.5
4.0
4.0
5.5
5.5
2.5
2.5
6.5
6.5
ns
High Speed Trigger Input
tHS+Q+
3
1.5
3.2
1.5
2.0
2.8
1.5
3.2
ns
Minimum Timing Pulse Width
PWQmin
3
10.0
ns
Maximum Timing Pulse Width
PWQmax
3
>10
ms
Min Trigger Pulse Width
PWT
3
2.0
ns
Min Hi–Spd Trig Pulse Width
PWHS
3
3.0
ns
Rise Time
(20 to 80%)
3
1.5
4.0
1.5
3.5
1.5
4.0
ns
Fall Time
(20 to 80%)
3
1.5
4.0
1.5
3.5
1.5
4.0
ns
Enable Setup Time
tsetup (E)
3
1.0
ns
Enable Hold Time
thold (E)
3
1.0
ns
1. The monostable is in the timing mode at the time of this test.
2. CEXT = 0 (Pin 4 Open); REXT = 0 (Pin 6 tied to VEE).
3. CEXT = 10µF (Pin); REXT = 2.7k (Pin 6).
4.
VIHmax
VILmin
P1


Similar Part No. - MC10198

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10198FN ONSEMI-MC10198FN Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
MC10198L ONSEMI-MC10198L Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
MC10198P ONSEMI-MC10198P Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
More results

Similar Description - MC10198

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH123FU TOSHIBA-TC7WH123FU Datasheet
382Kb / 10P
   MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC10198P ONSEMI-MC10198P Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC7WH123FK TOSHIBA-TC7WH123FK Datasheet
426Kb / 11P
   MONOSTABLE MULTIVIBRATOR
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com