Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173D686X9006X Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 173D686X9006X
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D686X9006X Datasheet(HTML) 1 Page - Vishay Siliconix

  173D686X9006X Datasheet HTML 1Page - Vishay Siliconix 173D686X9006X Datasheet HTML 2Page - Vishay Siliconix 173D686X9006X Datasheet HTML 3Page - Vishay Siliconix 173D686X9006X Datasheet HTML 4Page - Vishay Siliconix 173D686X9006X Datasheet HTML 5Page - Vishay Siliconix 173D686X9006X Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
87
173D
Vishay Sprague
Document Number: 40019
Revision 13-Jun-02
For technical questions, contact tantalum@vishay.com
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55
°C to + 85°C. (To + 125°C
with voltage derating.)
Capacitance Tolerance: At 120 Hz, + 25
°C. ± 20%, ±10%
standard.
± 5% available as special.
Dissipation Factor: At 120 Hz, + 25
°C. Dissipation factor,
as determined from the expression 2
πfRC, shall not exceed
the values listed in the Standard Ratings Tables.
DC Leakage Current (DCL Max.):
At + 25
°C: Leakage current shall not exceed the values
listed in the Standard Ratings Tables.
At + 85
°C: Leakage current shall not exceed 10 times the
values listed in the Standard Ratings Tables.
FEATURES
• Miniature axial-lead capacitors available in 5 sizes
• Precision molded in gold colored, flame retardant, thermo-
setting epoxy resin
• Laser marked for improved legibility and tapered end of
case provides easy identification of positive terminal
• Standard orders are lead taped and reeled; orders under
500 are taped only.
APPLICATIONS
• Designed for high performance automotive, industrial and
commercial electronic equipment
Solid-Electrolyte TANTALEX
® Capacitors,
Axial-Leaded, Molded-Case
At + 125
°C: Leakage current shall not exceed 15 times
the values listed in the Standard Ratings Tables.
Life Test: Capacitors shall withstand rated DC voltage
applied at + 85
°C for 2000 hours and for 1000 hours applied
at + 125
°C derated voltage.
Following the life test:
1. DCL shall not exceed 125% of the initial requirement.
2. Dissipation Factor shall meet the initial requirement.
3. Change in capacitance shall not exceed
± 10%.
ORDERING INFORMATION
173D
MODEL
This is expressed in picofarads. The
first two digits are the significant
figures. The third is the number of
zeros to follow.
335
CAPACITANCE
X9
CAPACITANCE
TOLERANCE
X0 =
± 20%
X9 =
±10%
*X5 =
± 5%
*Special order
006
DC VOLTAGE RATING
AT + 85
°C
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating.
U
CASE
CODE
See Ratings
and Case
Codes
Table.
W
PACKAGING
W = Tape and
reel.
DIMENSIONS in inches [millimeters]
(-)
(+)
0.875 [22.23]
Min.
Tinned Solid
Leads
Tapered End
Identifies Anode
L
Max.
D
Max.
0.875 [22.23]
Min.
CASE
CODE
U
V
W
X
Y
D
(MAX.)
0.095 [2.41]
0.110 [2.79]
0.180 [4.57]
0.180 [4.57]
0.280 [7.11]
L
(MAX.)
0.260 [6.60]
0.290 [7.37]
0.345 [8.76]
0.420 [10.67]
0.550 [13.97]
LEAD
DIAMETER
0.020 [0.51]
0.020 [0.51]
0.020 [0.51]
0.020 [0.51]
0.025 [0.64]


Similar Part No. - 173D686X9006X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D686(1)002W(2)(3) VISHAY-173D686(1)002W(2)(3) Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D686(1)004X(2)(3) VISHAY-173D686(1)004X(2)(3) Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D6861002W23 VISHAY-173D6861002W23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D6861004X23 VISHAY-173D6861004X23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D6861006X23 VISHAY-173D6861006X23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D686X9006X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com