Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173D225X0010U Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 173D225X0010U
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D225X0010U Datasheet(HTML) 2 Page - Vishay Siliconix

  173D225X0010U Datasheet HTML 1Page - Vishay Siliconix 173D225X0010U Datasheet HTML 2Page - Vishay Siliconix 173D225X0010U Datasheet HTML 3Page - Vishay Siliconix 173D225X0010U Datasheet HTML 4Page - Vishay Siliconix 173D225X0010U Datasheet HTML 5Page - Vishay Siliconix 173D225X0010U Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 40019
Revision 13-Jun-02
www.vishay.com
88
173D
Vishay Sprague
For technical questions, contact tantalum@vishay.com
U
U
U
V
V
V
V
V
V
W
W
W
W
STANDARD RATINGS
*Part number should include "X5" for
± 5% units (special order).
2 WVDC @ + 85
°C, SURGE = 2.5 V . . . 1.5 WVDC @ + 125°C, SURGE = 1.8 V
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
4 WVDC @ + 85
°C, SURGE = 5 V . . . 2.5 WVDC @ + 125°C, SURGE = 3 V
6 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
4
4
4
4
6
6
6
6
6
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
CAP. TOL.
± 20%
MAX. DF
@ + 25
°C
120 Hz
(%)
PART NUMBER*
CAP. TOL.
± 10%
MAX. DCL
@ + 25
°C
(
µA)
173D685X0002U
173D106X0002U
173D156X0002V
173D226X0002V
173D336X0002V
173D476X0002W
173D686X0002W
173D685X9002U
173D825X9002U
173D106X9002U
173D126X9002V
173D156X9002V
173D186X9002V
173D226X9002V
173D276X9002V
173D336X9002V
173D396X9002W
173D476X9002W
173D566X9002W
173D686X9002W
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.8
0.9
1.1
10
10
10
10
10
10
10
10
10
10
10
10
10
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.7
0.9
1.1
1.2
1.5
1.5
2.2
173D475X9004U
173D565X9004U
173D685X9004U
173D825X9004V
173D106X9004V
173D126X9004V
173D156X9004V
173D186X9004V
173D226X9004V
173D276X9004W
173D336X9004W
173D396X9004W
173D476X9004W
173D566X9004X
173D686X9004X
173D475X0004U
173D685X0004U
173D106X0004V
173D156X0004V
173D226X0004V
173D336X0004W
173D476X0004W
173D686X0004X
U
U
U
V
V
V
V
V
V
W
W
W
W
X
X
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
U
U
U
V
V
V
V
V
V
W
W
W
W
X
X
X
X
Y
Y
Y
Y
Y
Y
Y
Y
173D335X0006U
173D475X0006U
173D685X0006V
173D106X0006V
173D156X0006V
173D226X0006W
173D336X0006W
173D476X9006X
173D686X0006X
173D107X0006Y
173D157X0006Y
173D227X0006Y
173D337X0006Y
173D335X9006U
173D395X9006U
173D475X9006U
173D565X9006V
173D685X9006V
173D825X9006V
173D106X9006V
173D126X9006V
173D156X9006V
173D186X9006W
173D226X9006W
173D276X9006W
173D336X9006W
173D396X9006X
173D476X9006X
173D566X9006X
173D686X9006X
173D826X9006Y
173D107X9006Y
173D127X9006Y
173D157X9006Y
173D187X9006Y
173D227X9006Y
173D277X9006Y
173D337X9006Y
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.7
0.9
1.1
1.3
1.5
1.9
2.3
2.7
3.3
3.9
4.8
5.0
5.0
8.6
10.0
10.0
10.0
Solid-Electrolyte TANTALEX
® Capacitors,
Axial-Leaded, Molded-Case


Similar Part No. - 173D225X0010U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D2251010U23 VISHAY-173D2251010U23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2251015U23 VISHAY-173D2251015U23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2251020U23 VISHAY-173D2251020U23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2251020V23 VISHAY-173D2251020V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2251025V23 VISHAY-173D2251025V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D225X0010U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com