Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJLCE110E3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMCJLCE110E3
Description  1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCJLCE110E3 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMCJLCE110E3 Datasheet HTML 1Page - Microsemi Corporation SMCJLCE110E3 Datasheet HTML 2Page - Microsemi Corporation SMCJLCE110E3 Datasheet HTML 3Page - Microsemi Corporation SMCJLCE110E3 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1500 WATT LOW CAPACITANCE
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
S C O T T S DA L E D I V I SI ON
SMCGLCE6.5 thru SMCGLCE170A, e3
SMCJLCE6.5 thru SMCJLCE170A, e3
DESCRIPTION
APPEARANCE
This surface mount Transient Voltage Suppressor (TVS) product family includes a
rectifier diode element in series and opposite direction to achieve low capacitance
below 100 pF. They are also available as RoHS Compliant with an e3 suffix. The low
TVS capacitance may be used for protecting higher frequency applications in inductive
switching environments or electrical systems involving secondary lightning effects per
IEC61000-4-5 as well as RTCA/DO-160D or ARINC 429 for airborne avionics. They
also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.
If bipolar
transient capability is required, two of these low capacitance TVS devices may be used
in parallel and opposite directions (anti-parallel) for complete ac protection (Figure 6).
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Available in standoff voltage range of 6.5 to 200 V
Low capacitance of 100 pF or less
Molding compound flammability rating: UL94V-O
Two different terminations available in C-bend (modified J-
Bend with DO-214AB) or Gull-wing (DO-215AB)
Options for screening in accordance with MIL-PRF-19500
for JAN, JANTX, JANTXV, and JANS are available by
adding MQ, MX, MV, or MSP prefixes respectively to part
numbers
Optional 100% screening for avionics grade is available by
adding MA prefix to part number for 100% temperature
cycle –55ºC to 125ºC (10X) as well as surge (3X) and 24
hours HTRB with post test VBR & IR
RoHS Compliant devices available by adding an “e3” suffix
1500 Watts of Peak Pulse Power at 10/1000 s
Protection for aircraft fast data rate lines per select
level waveforms in RTCA/DO-160D & ARINC 429
Low capacitance for high speed data line
interfaces
IEC61000-4-2 ESD 15 kV (air), 8 kV (contact)
IEC61000-4-5 (Lightning) as further detailed in
LCE6.5 thru LCE170A data sheet
T1/E1 Line Cards
Base Stations
WAN Interfaces
XDSL Interfaces
CSU/DSU Equipment
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
1500 Watts of Peak Pulse Power dissipation at 25
oC with
repetition rate of 0.01% or less*
Clamping Factor: 1.4 @ Full Rated power
1.30 @ 50% Rated power
tclamping (0 volts to V(BR) min): Less than 5x10
-9 seconds
Operating and Storage temperatures: -65 to +150
oC
Steady State power dissipation: 5.0W @ TL = 50
oC
THERMAL RESISTANCE: 20
oC/W (typical junction to
lead (tab) at mounting plane
* When pulse testing, do not pulse in opposite direction
(see “Schematic Applications” section herein and
Figures 5 & 6 for further protection in both directions)
CASE: Molded, surface mountable
TERMINALS: Gull-wing or C-bend (modified J-
bend) tin-lead or RoHS compliant annealed
matte-tin plating solderable per MIL-STD-750,
method 2026
POLARITY: Cathode indicated by band
MARKING: Part number without prefix (e.g.
LCE6.5A, LCE6.5Ae3, LCE33, LCE33Ae3, etc.
TAPE & REEL option: Standard per EIA-481-B
with 16 mm tape, 750 per 7 inch reel or 2500 per
13 inch reel (add “TR” suffix to part number)
ELECTRICAL CHARACTERISTICS @ 25oC
Breakdown Voltage
VBR
@ I(BR)
Volts
MICROSEMI
Part Number
Gull-Wing
“G”
Bend Lead
MICROSEMI
Part Number
Modified
“J”
Bend Lead
Reverse
Stand-Off
Voltage
VWM
Volts
MIN
MAX
mA
Maximum
Reverse
Leakage
@VWM
ID
A
Maximum
Clamping
Voltage
@IPP
VC
Volts
Maximum
Peak Pulse
Current
IPP
@10/1000
Amps
Maximum
Capacitance
@ 0 Volts,
f = 1 MHz
pF
VWIB
Microsemi
Scottsdale Division
Page 1
B
Working
Inverse
Blocking
Voltage
Volts
IIB
Inverse
Blocking
Leakage
Current
mA
VPIB
Peak
Inverse
Blocking
Voltage
Volts
SMCGLCE6.5
SMCGLCE6.5A
SMCGLCE7.0
SMCGLCE7.0A
SMCJLCE6.5
SMCJLCE6.5A
SMCJLCE7.0
SMCJLCE7.0A
6.5
6.5
7.0
7.0
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
10
10
10
10
1000
1000
500
500
12.3
11.2
13.3
12.0
100
100
100
100
75
75
75
75
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE7.5
SMCGLCE7.5A
SMCGLCE8.0
SMCGLCE8.0A
SMCJLCE7.5
SMCJLCE7.5A
SMCJLCE8.0
SMCJLCE8.0A
7.5
7.5
8.0
8.0
8.33
8.33
8.89
8.89
10.2
9.21
10.9
9.83
10
10
1
1
250
250
100
100
14.3
12.9
15.0
13.6
100
100
100
100
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE8.5
SMCGLCE8.5A
SMCGLCE9.0
SMCGLCE9.0A
SMCJLCE8.5
SMCJLCE8.5A
SMCJLCE9.0
SMCJLCE9.0A
8.5
8.5
9.0
9.0
9.44
9.44
10.0
10.0
11.5
10.4
12.2
11.1
1
1
1
1
50
50
10
10
15.9
14.4
16.9
15.4
94
100
89
97
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
Copyright
2005
6-06-2005 REV D
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - SMCJLCE110E3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMCJLCE110 EIC-SMCJLCE110 Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMCJLCE110 ETC2-SMCJLCE110 Datasheet
424Kb / 5P
   Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMCJLCE110A EIC-SMCJLCE110A Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMCJLCE110A ETC2-SMCJLCE110A Datasheet
424Kb / 5P
   Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMCJLCE110A SUNMATE-SMCJLCE110A Datasheet
278Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - SMCJLCE110E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com