Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7116DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7116DN
Description  N-Channel 40-V (D-S) Fast Switching MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7116DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7116DN Datasheet HTML 1Page - Vishay Siliconix SI7116DN Datasheet HTML 2Page - Vishay Siliconix SI7116DN Datasheet HTML 3Page - Vishay Siliconix SI7116DN Datasheet HTML 4Page - Vishay Siliconix SI7116DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance
PowerPAK
r Package with Low
1.07-mm Profile
D PWM Optimized
D 100% Rg Tested
APPLICATIONS
D Synchronous Rectification
D Intermediate Switch
D Synchronous Buck
RoHS
COMPLIANT
Si7116DN
Vishay Siliconix
Document Number: 73139
S-51412—Rev. C, 01-Aug-05
www.vishay.com
1
N-Channel 40-V (D-S) Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Qg (Typ)
40
0.0078 @ VGS = 10 V
16.4
15
40
0.010 @ VGS = 4.5 V
14.5
15
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information: Si7116DN-T1—E3 (Lead (Pb)-Free)
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
16.4
10.5
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
13.1
8.4
Pulsed Drain Current
IDM
60
A
Continuous Source Current (Diode Conduction)a
IS
3.2
1.3
Avalanche Current
L=01 mH
IAS
15
Avalanche Energy
L = 0.1 mH
EAS
11
mJ
Maximum Power Dissipationa
TA = 25_C
PD
3.8
1.5
W
Maximum Power Dissipationa
TA = 70_C
PD
2.0
0.8
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Soldering Recommendations (Peak Temperature)b,c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction to Ambienta
t
v 10 sec
R
24
33
Maximum Junction-to-Ambienta
Steady State
RthJA
65
81
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Solder Profile (http://www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequate bottom side solder interconnection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Similar Part No. - SI7116DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7116DN-T1-E3 VISHAY-SI7116DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. D, 17-Mar-08
SI7116DN VISHAY-SI7116DN_V01 Datasheet
533Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

Similar Description - SI7116DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISH116DN VISHAY-SISH116DN Datasheet
189Kb / 8P
   N-Channel 40 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7476DP VISHAY-SI7476DP Datasheet
65Kb / 5P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. B, 29-Mar-04
SI7116DN-T1-E3 VISHAY-SI7116DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. D, 17-Mar-08
SI7116DN VISHAY-SI7116DN_V01 Datasheet
533Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com