Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72012GB-004 Datasheet(PDF) 7 Page - NEC

Part # UPD72012GB-004
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012GB-004 Datasheet(HTML) 7 Page - NEC

Back Button UPD72012GB-004 Datasheet HTML 3Page - NEC UPD72012GB-004 Datasheet HTML 4Page - NEC UPD72012GB-004 Datasheet HTML 5Page - NEC UPD72012GB-004 Datasheet HTML 6Page - NEC UPD72012GB-004 Datasheet HTML 7Page - NEC UPD72012GB-004 Datasheet HTML 8Page - NEC UPD72012GB-004 Datasheet HTML 9Page - NEC UPD72012GB-004 Datasheet HTML 10Page - NEC UPD72012GB-004 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet S13918EJ3V0DS
7
µPD72012
1. PIN FUNCTIONS
1.1 List of Pin Functions
(1/3)
Pin No.
Note
Pin Name
I/O
Signal Name
Function
1(6)
RST
I
RESET
Inputs reset signals.
2(7)
UD0
I/O
Data0
Connects to upstream port #0 D+ signal line.
Pull up to 3.3 V line using 1.5 k
Ω.
3(8)
UD1
I/O
Data1
Connects to upstream port #0 D– signal line.
4(9)
D10
I/O
Data0
Connects to downstream port #1 D+ signal line.
Pull down to GND using 15 k
Ω.
5(10)
D11
I/O
Data1
Connects to downstream port #1 D– signal line.
Pull down to GND using 15 k
Ω.
6(11)
DGND
-
DGND
Connect to GND.
7(12)
D20
I/O
Data0
Connects to downstream port #2 D+ signal line.
Pull down to GND using 15 k
Ω.
8(13)
D21
I/O
Data1
Connects to downstream port #2 D– signal line.
Pull down to GND using 15 k
Ω.
9(14)
D30
I/O
Data0
Connects to downstream port #3 D+ signal line.
Pull down to GND using 15 k
Ω.
10(15)
D31
I/O
Data1
Connects to downstream port #3 D– signal line.
Pull down to GND using 15 k
Ω.
11(16,
17)
DGND
-
DGND
Connect to GND.
This pin is used as both pins 16 and 17 internally in the QFP product.
12(18)
D40
I/O
Data0
Connects to downstream port #4 D+ signal line.
Pull down to GND using 15 k
Ω.
13(19)
D41
I/O
Data1
Connects to downstream port #4 D– signal line.
Pull down to GND using 15 k
Ω.
14(20)
D50
I/O
Data0
Connects to downstream port #5 D+ signal line.
Pull down to GND using 15 k
Ω.
15(21)
D51
I/O
Data1
Connects to downstream port #5 D– signal line.
Pull down to GND using 15 k
Ω.
16(22)
DGND
-
DGND
(TS3)
Test pin of
µPD72012 (corresponds to TS3 pin in µPD72011). Connect
to GND.
17(23)
OSL
O
OSC CTL
Pin that outputs high level on suspend. Can be used by LED switch or to
turn oscillator ON/OFF on suspend.
CAUTION
For self-power, always input an oscillator output signal. If the clock
is cut-off, subsequent operation my not be possible.
Note QFP pin numbers are shown in ( ).


Similar Part No. - UPD72012GB-004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72012GB-XXX-3B4 RENESAS-UPD72012GB-XXX-3B4 Datasheet
545Kb / 38P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD72012GB-004

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NXP Semiconductors
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
PDIUSBH11A PHILIPS-PDIUSBH11A Datasheet
157Kb / 28P
   Universal Serial Bus Hub
1999 Jul 22
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
PDIUSBH11 PHILIPS-PDIUSBH11 Datasheet
146Kb / 26P
   Universal Serial Bus Hub
1997 Aug 01
ISP1123 PHILIPS-ISP1123 Datasheet
1Mb / 49P
   Universal Serial Bus compound hub
Rev. 01-5 October 1999
logo
Cypress Semiconductor
CY7C65100 CYPRESS-CY7C65100 Datasheet
207Kb / 12P
   Four-port Universal Serial Bus Fixed-function Hub Controller
logo
NXP Semiconductors
ISP1130 PHILIPS-ISP1130 Datasheet
1Mb / 68P
   Universal Serial Bus compound hub with integrated keyboard controller
Rev. 01-23 March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com