Selected language     English  ▼


UPD168103 Datasheet(PDF) 3 Page - NEC

Part No. UPD168103
Description  5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 
 3 page
background image
Data Sheet S17332EJ1V0DS
3
µ PD168103
2. PIN FUNCTIONS
(1/2)
Pin No.
Pin Name
I/O
Function
1
LVDD
Logic power supply voltage pin
2
GND
Logic and analog GND pin
3
RESETB
Input
Reset input pin
4
EN12
Input
ch1 and ch2 output control input pin
5
IN1
Input
ch1 input pin
6
IN2
Input
ch2 input pin
7
EN34
Input
ch3 and ch4 output control input pin
8
IN3
Input
ch3 input pin
9
IN4
Input
ch4 input pin
10
IRIN1
Input
IRIS control logic input pin 1
11
IRIN2
Input
IRIS control logic input pin 2
12
AVDD
Analog power supply voltage pin
13
OUT4B
Output
ch4 output pin B
14
PGND34
ch3 and ch4 GND pin
15
OUT4A
Output
ch4 output pin A
16
VM34
ch3 and ch4 power supply voltage pin
17
OUT3B
Output
ch3 output pin B
18
PGND34
ch3 and ch4 GND pin
19
OUT3A
Output
ch3 output pin A
20
OUT4S
Output
Amplifier 4 (AMP4) source output pin (source)
21
OUT4D
Output
Amplifier 4 (AMP4) drain output pin (sink)
22
IN4M
Input
Amplifier 4 (AMP4) minus input pin
23
IN4P
Input
Amplifier 4 (AMP4) plus input pin
24
IN3P
Input
Amplifier 3 (AMP3) plus input pin
25
IN3M
Input
Amplifier 3 (AMP3) minus input pin
26
OUT3
Output
Amplifier 3 (AMP3) output pin
27
VSHUTTER
Shutter (ON/OFF) power supply voltage pin
28
OUTIRM
Output
IRIS minus output pin
29
PGND5
IRIS and shutter GND pin
30
OUTIRP
Output
IRIS plus output pin
31
VIRIS
IRIS (linear) power supply voltage pin
32
INIRM
Input
IRIS linear control (AMP5) minus input pin
33
INIRP
Input
IRIS linear control (AMP5) plus input pin
34
INREF
Input
1/2AVDD amplifier (AMP0) input pin (for capacitor connection)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD168103A5-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
CS416185mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO 1 2 3 4 Cherry Semiconductor Corporation
HCA10009100MHz Single and Dual Low Noise Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
MSK4202RH70 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER 1 2 3 4 5 List of Unclassifed Manufacturers
NJU7008LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER 1 2 3 4 New Japan Radio
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BA62994-Channel H-bridge type BTL driver for CD players 1 2 3 4 5 MoreRohm
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl