Selected language     English  ▼


UPD168103A Datasheet(PDF) 2 Page - NEC

Part No. UPD168103A
Description  5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 
 2 page
background image
Data Sheet S17655EJ1V0DS
2
µ PD168103A
1. BLOCK DIAGRAM
OUT1B
EN12
OUT1A
OUT1
OUT2A OUT2B
VM12
PGND12
IN1P IN1M
H-bridge Control
Amp. Control
TSD
UVLO
H-bridge
1
H-bridge
2
IN1
IN2
EN34
IN3
IN4
GND
LVDD
LVDD
AVDD
1/2AVDD
AVDD
OUT3B
OUT3A
OUT4A OUT4B
VM34
PGND34
H-bridge
3
H-bridge
4
LVDD
RESETB
IRIN1
OUT4D
PGND5
Logic power
INREF
OUTREF
Analog power
Amp.
ON/OFF
control
+
− +
AMP0
AMP1
OUT2
IN2P IN2M
AVDD
+
AMP2
OUT3
IN3P IN3M
AVDD
+
AMP3
OUT4S
IN4P IN4M
AVDD
+
AMP4
AVDD
GND
+
AMP5
IRIN2
INIRP
INIRM
OUTIRP
OUTIRM
VSUTTER
VIRIS
IRIS Control
44
42
46
48
45
43
47
17
19
15
13
16
18
14
7
8
9
10
21
29
11
33
32
30
28
27
31
41
39
40
38
36
37
26
24
25
20
23
22
4
5
6
2
1
12
3
34
35
Cautions 1. P in pin name means plus, and M in pin name means minus.
2. A pull-down resistor (50 to 200 k
Ω) is connected to the logic input pins (EN12, EN34, IN1, IN2, IN3,
and IN4). A pull-up resistor (50 to 200 k
Ω) is connected to the IRIN1 and IRIN2 pins.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD1681035-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
CS416185mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO 1 2 3 4 Cherry Semiconductor Corporation
HCA10009100MHz Single and Dual Low Noise Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
MSK4202RH70 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER 1 2 3 4 5 List of Unclassifed Manufacturers
NJU7008LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER 1 2 3 4 New Japan Radio
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BA62994-Channel H-bridge type BTL driver for CD players 1 2 3 4 5 MoreRohm
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl