Selected language     English  ▼


UPD168103A Datasheet(PDF) 1 Page - NEC

Part No. UPD168103A
Description  5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 
 1 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µ PD168103A
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER,
AND 4-CHANNEL H-BRIDGE DRIVER
DATA SHEET
Document No. S17655EJ1V0DS00 (1st edition)
Date Published June 2005 NS CP(K)
Printed in Japan
2005
DESCRIPTION
The
µ PD168103A is the motor driver IC with IRIS control circuit, operational amplifier and 4-ch H-bridge output.
Smooth operation is possible for IRIS control with linear method.
The package is 48-pin thin type QFN and then it helps reduce the mounting area and height.
The
µ PD168103A is suitable for the lens drive of a camcorder, DSC, etc.
FEATURES
• 5-ch H-bridge circuits employing power MOS FET
• Low-voltage driving
LVDD = 2.7 to 3.6 V, AVDD = 4.5 to 5.5 V, VM12 = VM34 = VSHUTTER = VIRIS = 2.7 to 5.5 V
• Output on-state resistance: 2.0 Ω TYP., 3.0 Ω MAX. (4-ch H-bridge block, sum of top and bottom stage, VM = 5 V)
• PWM output (ch1 to ch4)
• Output current
DC current:
±0.3 A/ch (when each channel is used independently)
Peak current:
±0.7 A/ch (when each channel is used independently)
• 3-ch general-purpose operational amplifier
Input offset voltage:
±5 mV
Input voltage range: 0 to AVDD
− 1.5 V
Output voltage range: 0.2 to AVDD
− 0.2 V
• 1-ch current sink amplifier
Output current: 5 mA
• 1-ch 1/2VDD output amplifier
• IRIS driver block supporting linear driving
• Pre-driver amplifier of the IRIS driver block
• Undervoltage lockout circuit
Output circuit and amplifier stop at LVDD = 1.7 V TYP. or less.
• Overheat protection circuit
Operates at 150°C or more and shuts down the output circuit.
• Mounted on 48-pin plastic WQFN (7 x 7)
APPLICATIONS
Lens motor driving for DVC and DSC, etc.
ORDERING INFORMATION
Part Number
Package
Marking
Packing Type
µ PD168103AK9-5B4-A
Note
48-pin plastic WQFN (7 x 7)
168103A
• Tray stuffing
• Dry pack
Note Pb-free (This product does not contain Pb in external electrode and other parts.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD1681035-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
CS416185mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO 1 2 3 4 Cherry Semiconductor Corporation
HCA10009100MHz Single and Dual Low Noise Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
MSK4202RH70 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER 1 2 3 4 5 List of Unclassifed Manufacturers
NJU7008LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER 1 2 3 4 New Japan Radio
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BA62994-Channel H-bridge type BTL driver for CD players 1 2 3 4 5 MoreRohm
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl