Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720113GK-9EU-A Datasheet(PDF) 10 Page - NEC

Part # UPD720113GK-9EU-A
Description  USB 2.0 HUB CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720113GK-9EU-A Datasheet(HTML) 10 Page - NEC

Back Button UPD720113GK-9EU-A Datasheet HTML 6Page - NEC UPD720113GK-9EU-A Datasheet HTML 7Page - NEC UPD720113GK-9EU-A Datasheet HTML 8Page - NEC UPD720113GK-9EU-A Datasheet HTML 9Page - NEC UPD720113GK-9EU-A Datasheet HTML 10Page - NEC UPD720113GK-9EU-A Datasheet HTML 11Page - NEC UPD720113GK-9EU-A Datasheet HTML 12Page - NEC UPD720113GK-9EU-A Datasheet HTML 13Page - NEC UPD720113GK-9EU-A Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Data Sheet S16618EJ3V0DS
10
µPD720113
Recommended Operating Ranges
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Operating voltage
VDD33
3.3 V for VDD33 pins
3.14
3.30
3.46
V
VDD25
2.5 V for VDD25 pins
2.3
2.5
2.7
V
AVDD
2.5 V for AVDD pins
2.3
2.5
2.7
V
High-level input voltage
VIH
2.5 V High-level input voltage
1.7
VDD25
V
3.3 V High-level input voltage
2.0
VDD33
V
5.0 V High-level input voltage
2.0
5.5
V
Low-level input voltage
VIL
2.5 V Low-level input voltage
0
0.7
V
3.3 V Low-level input voltage
0
0.8
V
5.0 V Low-level input voltage
0
0.8
V
Hysteresis voltage
VH
5 V Hysteresis voltage
0.3
1.5
V
3.3 V Hysteresis voltage
0.2
1.0
V
Input rise time for SYSRSTB
trst
10
ms
Input rise time
tri
Normal buffer
0
200
ns
Schmitt buffer
0
10
ms
Input fall time
tfi
Normal buffer
0
200
ns
Schmitt buffer
0
10
ms
Two power supply rails limitation.
The
µPD720113 has two power supply rails (2.5 V, 3.3 V). The system will require the time when power supply
rail is stable at VDD level. And, there will be difference between the time of VDD25 and VDD33. The
µPD720113
requires that VDD25 should be stable before VDD33 becomes stable. At any case, the system must ensure that the
absolute maximum ratings for VI /VO are not exceeded. System reset signaling should be asserted more than
specified time after both VDD25 and VDD33 are stable.


Similar Part No. - UPD720113GK-9EU-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720113GK-9EU-A RENESAS-UPD720113GK-9EU-A Datasheet
644Kb / 34P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD720113GK-9EU-A

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
   USB 2.0 MTT HUB Controller
logo
Microchip Technology
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
   2-Port USB 2.0 Hub Controller
06/23/16
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
   2-Port USB 2.0 Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com