Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-CCD1201 Datasheet(PDF) 4 Page - C&D Technologies

Part # ADS-CCD1201
Description  12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

ADS-CCD1201 Datasheet(HTML) 4 Page - C&D Technologies

  ADS-CCD1201 Datasheet HTML 1Page - C&D Technologies ADS-CCD1201 Datasheet HTML 2Page - C&D Technologies ADS-CCD1201 Datasheet HTML 3Page - C&D Technologies ADS-CCD1201 Datasheet HTML 4Page - C&D Technologies ADS-CCD1201 Datasheet HTML 5Page - C&D Technologies ADS-CCD1201 Datasheet HTML 6Page - C&D Technologies ADS-CCD1201 Datasheet HTML 7Page - C&D Technologies ADS-CCD1201 Datasheet HTML 8Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADS-CCD1201
®
®
CALIBRATION PROCEDURE
(Refer to Figures 2 and 3)
Any offset and/or gain calibration procedures should not be
implemented until devices are fully warmed up. To avoid
interaction, offset must be adjusted before gain. The ranges of
adjustment for the circuit of Figure 2 are guaranteed to
compensate for the ADS-CCD1201’s initial accuracy errors and
may not be able to compensate for additional system errors.
Figure 2. ADS-CCD1201 Calibration Circuit
All fixed resistors in Figure 2 should be metal-film types, and
multi-turn potentiometers should have TCR’s of 100ppm/°C or
less to minimize drift with temperature. In many applications,
the CCD will require an offset-adjust (black balance) circuit
near its output and also a gain stage, presumably with adjust
capabilities, to match the output voltage of the CCD to the
input range of the AID. If one is performing a "system I/O
calibration" (from light in to digital out), these circuits can be
used to compensate for the relatively small initial offset and
gain errors of the A/D. This would eliminate the need for the
circuit shown in Figure 2.
Figure 3. Typical ADS-CCD1201 Connection Diagram
A/D converters are calibrated by positioning their digital
outputs exactly on the transition point between two adjacent
digital output codes. This can be accomplished by connecting
LED’s to the digital outputs and adjusting until certain LED’s
"flicker" equally between on and off. Other approaches employ
digital comparators or microcontrollers to detect when the
outputs change from one code to the next.
For the ADS-CCD1201, offset adjusting is normally
accomplished at the point where all output bits are 0’s and the
LSB just changes from a 0 to a 1. This digital output transition
ideally occurs when the applied analog input is +1/2LSB
(+1.2207mV).
Gain adjusting is accomplished when all bits are 1’s and the
LSB just changes from a 1 to a 0. This transition ideally occurs
when the analog input is at +full scale minus 1 1/2 LSB’s
(+9.99634V).
Offset Adjust Procedure
1. Apply a train of pulses to the START CONVERT input (pin
16) so the converter is continuously converting. If using
LED’s on the outputs, a 200kHz conversion rate will reduce
flicker.
2. Apply +1.2207mV to the ANALOG INPUT (pin 20).
3. Adjust the offset potentiometer until the output bits are
0000 0000 00000 and the LSB flickers between 0 and 1.
Gain Adjust Procedure
1. Apply +9.99634V to the ANALOG INPUT (pin 20).
2. Adjust the gain potentiometer until all output bits are 1’s and
the LSB flickers between 1 and 0.
Table 2. ADS-CCD1201 Output Coding
Input Voltage
Unipolar
Digital Output
(0 to +10V)
Scale
MSB LSB
+9.9976
+FS – 1LSB
1111 1111 1111
+7.5000
+3/4 FS
1100 0000 0000
+5.0000
+1/2 FS
1000 0000 0000
+2.5000
+1/4 FS
0100 0000 0000
+0.0024
+1LSB
0000 0000 0001
0
0
0000 0000 0000
Coding is straight binary; 1LSB = 2.44mV
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of 0 to
+70°C and – 55 to +125°C. All room-temperature (TA = +25°C)
production testing is performed without the use of heat sinks or
forced-air cooling. Thermal impedance figures for each device
are listed in their respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible to
help conduct heat away from the package. Electrically-
insulating, thermally-conductive "pads" may be installed
underneath the package. Devices should be soldered to boards
rather than "socketed," and of course, minimal air flow over the
surface can greatly help reduce the package temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL’s HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request DATEL
Application Note AN-8, "Heat Sinks for DIP Data Converters,"or
contact DATEL directly, for additional information.
THERMAL REQUIREMENTS
4.
To Pin 20 of
ADS-CCD1201
–15V
SIGNAL
INPUT
GAIN
ADJUST
1.98k
50
+15V
2k
200k
20k
–15V
+15V
ZERO/
OFFSET
ADJUST
13
ADS-CCD1201
14
20
15
12
11
10
9
8
7
6
5
4
3
2
1
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12 (LSB)
EOC
ANALOG
INPUT
19, 23
22
24
0.1µF
4.7µF
+5V
0.1µF
4.7µF
0.1µF
4.7µF
+
+
–12V/–15V
+12V/+15V
+
0.1µF
+
4.7µF
21 +10V REF. OUT
0 to +10V
NO CONNECT
17, 18


Similar Part No. - ADS-CCD1201

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-CCD1201 MURATA-PS-ADS-CCD1201 Datasheet
138Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
DATEL, Inc.
ADS-CCD1201 DATEL-ADS-CCD1201 Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201 DATEL-ADS-CCD1201 Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C DATEL-ADS-CCD1201-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C/883 DATEL-ADS-CCD1201-C/883 Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
More results

Similar Description - ADS-CCD1201

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-CCD1201 MURATA-PS-ADS-CCD1201 Datasheet
138Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
DATEL, Inc.
ADS-CCD1201 DATEL-ADS-CCD1201 Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
Murata Power Solutions ...
ADS-CCD1202 MURATA-PS-ADS-CCD1202 Datasheet
309Kb / 8P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
DATEL, Inc.
ADS-CCD1202 DATEL-ADS-CCD1202 Datasheet
316Kb / 9P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
Sipex Corporation
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com