Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-16QS04-C Datasheet(PDF) 88 Page - Eaton All Rights Reserved.

Part # E52-16QS04-C
Description  Stainless steel tube
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

E52-16QS04-C Datasheet(HTML) 88 Page - Eaton All Rights Reserved.

Back Button E52-16QS04-C Datasheet HTML 84Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 85Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 86Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 87Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 88Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 89Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 90Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 91Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 92Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-87
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.15
Inductive Proximity Sensors
E55 Limit Switch Style Sensors with Nonmetallic Housings
Technical Data and Specifications
E55 Limit Switch Style Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E55 Limit Switch Style Sensors
Dimensions
Approximate Dimensions in Inches (mm)
E55 Limit Switch Style Sensors
Note
1 Switches are shipped as NO configuration. Internal jumpers must be moved to program for NC.
Description
Specification
Operating voltage
35–250 Vac
Maximum load current
400 mA
Switching frequency
25 Hz maximum
Leakage current
1.8 mA
Voltage drop
8V maximum
Inrush
5 A maximum for 20 ms
Indicator LEDs
Two LEDs: One lights when power is ON, the other lights when output is ON
Operating temperature
–13 to 158 °F (–25 to 70 °C)
Enclosure ratings
NEMA 4, 4X, 6, 12, 13 (IP67)
Housing material
PBT resin
Operating Voltage
Output
Terminal Models
Two-Wire Sensors
35–250 Vac 1
NO
NC
2
1
4
3
L2
L1
Load
L2
L1
Load
2
1
4
3
1.81 (46)
1.97
(50)
1.57
(40)
4-ø 0.21 (5.3)
1.97
(50)
1.57
(40)
2.20 (56)
2.36 (60)
LEDs
40 mm Range
Models Only
4.64 (118)
1.57 (40)
0.43 (11)
0.39
(10)
1.18
(30)


Similar Part No. - E52-16QS04-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E52-CA10AE OMRON-E52-CA10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1D OMRON-E52-CA1D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1GT OMRON-E52-CA1GT Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA2GV OMRON-E52-CA2GV Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA6D OMRON-E52-CA6D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
More results

Similar Description - E52-16QS04-C

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-2FS0-RG-QD RALSTON-QTHA-2FS0-RG-QD_19 Datasheet
264Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com