Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-16QS04-C Datasheet(PDF) 33 Page - Eaton All Rights Reserved.

Part # E52-16QS04-C
Description  Stainless steel tube
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

E52-16QS04-C Datasheet(HTML) 33 Page - Eaton All Rights Reserved.

Back Button E52-16QS04-C Datasheet HTML 29Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 30Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 31Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 32Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 33Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 34Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 35Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 36Page - Eaton All Rights Reserved. E52-16QS04-C Datasheet HTML 37Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
V8-T3-32
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.4
Inductive Proximity Sensors
E57G General Purpose Proximity Sensors
Technical Data and Specifications
E57G General Purpose Proximity Sensors
Description
Three-Wire DC Sensors
Operating voltage
10–30 Vdc
Output current (continuous)
100 mA
Switching frequency [Hz]
Standard range:
12 mm—Shielded: 2000; Unshielded: 2000
18 mm—Shielded: 1200; Unshielded: 1200
30 mm—Shielded: 600; Unshielded: 500
Extended range:
12 mm—Shielded: 1200; Unshielded: 500
18 mm—Shielded: 300; Unshielded: 300
30 mm—Shielded: 400; Unshielded: 200
Leakage current
<100 μA
Output voltage drop [Vsat]
<2.5 V
Current consumption
<10 mA
Short-circuit protection
Yes (Auto Reset)
Hysteresis [% of Sr]
2–20%
Repeat accuracy
1% shielded, 3% unshielded
Time delay before availability
<200 ms
Output indicator LED
360° amber LED
Operating temperature range
–25 to 70 °C
Ingress protection
IEC IP67, UL Type 1
Mechanical shock
IEC 60947-5-2 30 G half-sine wave, 11 mS
Vibration
IEC 60947-5-2 10–55 Hz, 1 mm amplitude
Housing materials
Front face: Ryton
Tube: stainless steel
End bells: M12 body: Polycarbonate
Cable end bell: Polycarbonate
Nuts: Ni-Brass
Cable
AWM style 20387 (PVC)


Similar Part No. - E52-16QS04-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E52-CA10AE OMRON-E52-CA10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1D OMRON-E52-CA1D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1GT OMRON-E52-CA1GT Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA2GV OMRON-E52-CA2GV Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA6D OMRON-E52-CA6D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
More results

Similar Description - E52-16QS04-C

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-2FS0-RG-QD RALSTON-QTHA-2FS0-RG-QD_19 Datasheet
264Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com