Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-16QS04-B Datasheet(PDF) 74 Page - Eaton All Rights Reserved.

Part # E52-16QS04-B
Description  Stainless steel tube
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

E52-16QS04-B Datasheet(HTML) 74 Page - Eaton All Rights Reserved.

Back Button E52-16QS04-B Datasheet HTML 70Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 71Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 72Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 73Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 74Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 75Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 76Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 77Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 78Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-73
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.11
Inductive Proximity Sensors
E56 Pancake Sensors
Compatible Connector Cables
Standard Cables 1
Note
1 For a full selection of connector cables, see Tab 10, section 10.1.
Current
Rating at 600 V
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
—AC
3-pin,
3-wire
22 AWG
6.0 ft (2m)
CSAS3F3CY2202
CSAS3F3RY2202
16.4 ft (5m)
CSAS3F3CY2205
CSAS3F3RY2205
32.8 ft (10m)
CSAS3F3CY2210
CSAS3F3RY2210
—DC
4-pin,
4-wire
22 AWG
6.0 ft (2m)
CSDS4A4CY2202
CSDS4A4RY2202
16.4 ft (5m)
CSDS4A4CY2205
CSDS4A4RY2205
32.8 ft (10m)
CSDS4A4CY2210
CSDS4A4RY2210
Mini-Style, Straight Female
13 A
3-pin,
3-wire
16 AWG
6.0 ft (2m)
CSMS3F3CY1602
13.1 ft (4m)
CSMS3F3CY1604
10 A
AC/DC
4-pin,
4-wire
16 AWG
6.0 ft (2m)
CSMS4A4CY1602
13.1 ft (4m)
CSMS4A4CY1604
19.7 ft (6m)
CSMS4A4CY1606
Micro-Style
Straight Female
Mini-Style
Straight Female
1-Green
2-Red/Black
3-Red/White
1-Brown
2-White
3-Blue
4-Black
1-Green
2-Black
3-White
1-Black
2-Blue
3-Brown
4-White


Similar Part No. - E52-16QS04-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E52-CA10AE OMRON-E52-CA10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1D OMRON-E52-CA1D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1GT OMRON-E52-CA1GT Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA2GV OMRON-E52-CA2GV Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA6D OMRON-E52-CA6D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
More results

Similar Description - E52-16QS04-B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-2FS0-RG-QD RALSTON-QTHA-2FS0-RG-QD_19 Datasheet
264Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com