Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-16QS04-B Datasheet(PDF) 98 Page - Eaton All Rights Reserved.

Part # E52-16QS04-B
Description  Stainless steel tube
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

E52-16QS04-B Datasheet(HTML) 98 Page - Eaton All Rights Reserved.

Back Button E52-16QS04-B Datasheet HTML 94Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 95Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 96Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 97Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 98Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 99Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 100Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 101Page - Eaton All Rights Reserved. E52-16QS04-B Datasheet HTML 102Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-97
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.17
Inductive Proximity Sensors
E51 Limit Switch Style, Factory Sealed 6P+ Sensors
E51 Limit Switch Style, Factory Sealed 6P+ Sensors
Contents
Description
Page
E51 Limit Switch Style, Factory Sealed 6P+ Sensors
Product Selection
Unitized Sensors . . . . . . . . . . . . . . . . . . . . .
V8-T3-98
Compatible Connector Cables . . . . . . . . . . .
V8-T3-98
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-99
Technical Data and Specifications . . . . . . . . . .
V8-T3-99
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-100
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-100
E51 Limit Switch Style, Factory Sealed 6P+ Sensors
Product Description
E51 6P+ Inductive Proximity
Sensors from Eaton’s
Electrical Sector are fully
sealed, pre-wired and
designed specifically to
ensure reliability under the
most adverse of environmental
conditions. They have been
proven to withstand the
penetrating properties of
dirt, dust, grit, extreme
temperatures and humidity.
The unitized design eliminates
plug-in connections that can
lead to reliability problems in
rugged environments.
Features
The one-piece body and
sensing head are both
epoxy filled to protect
internal components from
contamination
The head is hard-wired to
the sensor body to ensure
trouble-free performance
Choose from top and side
sensing heads
Side sensing heads can be
rotated to any of four
positions
Mounting dimensions
allow direct replacement of
worn out limit switches
Rugged zinc die cast
construction withstands
physical abuse
Connection options include
pre-wired cable, body
mounted connector and
pigtail connector
Standards and Certifications
UL Listed, E166051
CSA Certified, 50513
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com


Similar Part No. - E52-16QS04-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E52-CA10AE OMRON-E52-CA10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1D OMRON-E52-CA1D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1GT OMRON-E52-CA1GT Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA2GV OMRON-E52-CA2GV Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA6D OMRON-E52-CA6D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
More results

Similar Description - E52-16QS04-B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-2FS0-RG-QD RALSTON-QTHA-2FS0-RG-QD_19 Datasheet
264Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com