Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-25QS10-C Datasheet(PDF) 38 Page - Eaton All Rights Reserved.

Part # E52-25QS10-C
Description  Stainless steel tube
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

E52-25QS10-C Datasheet(HTML) 38 Page - Eaton All Rights Reserved.

Back Button E52-25QS10-C Datasheet HTML 34Page - Eaton All Rights Reserved. E52-25QS10-C Datasheet HTML 35Page - Eaton All Rights Reserved. E52-25QS10-C Datasheet HTML 36Page - Eaton All Rights Reserved. E52-25QS10-C Datasheet HTML 37Page - Eaton All Rights Reserved. E52-25QS10-C Datasheet HTML 38Page - Eaton All Rights Reserved. E52-25QS10-C Datasheet HTML 39Page - Eaton All Rights Reserved. E52-25QS10-C Datasheet HTML 40Page - Eaton All Rights Reserved. E52-25QS10-C Datasheet HTML 41Page - Eaton All Rights Reserved. E52-25QS10-C Datasheet HTML 42Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-37
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Stainless Steel Body (Standard Length)
Two-Wire Sensors, continued
Notes
See listing of compatible connector cables on Page V8-T3-40.
1 For cable lengths longer than 2 meters, add the number of the desired length in meters to the end of the listed catalog number (for catalog numbers ending with a
number, add an S and then the length). Examples for a 5-meter cable: E57-18LE12-A becomes E57-18LE12-A5; E57LAL12A2 becomes E57LAL12A2S5.
2 Avoid wiring these AC/DC models in series as the sensors may not perform reliably. Contact Eaton’s Applications Engineering at 1-800-426-9184 with questions.
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type 1
NO Output
Catalog Number
NC Output
Catalog Number
18 mm Diameter Right Angle Sensing
20–250 Vac
5 mm
Shielded
2-meter cable
E57RAL18A2
E57RBL18A2
3-pin micro AC connector
E57RAL18A2SA
E57RBL18A2SA
3-pin micro AC pigtail connector
E57RAL18A2SP
E57RBL18A2SP
3-pin mini-connector
E57RAL18A2B1
E57RBL18A2B1
8 mm
Unshielded
2-meter cable
E57RAL18A2E
E57RBL18A2E
3-pin micro AC connector
E57RAL18A2EA
E57RBL18A2EA
3-pin micro AC pigtail connector
E57RAL18A2EP
E57RBL18A2EP
3-pin mini-connector
E57RAL18A2EB1
E57RBL18A2EB1
30 mm Diameter End Sensing
20–250 Vac
10 mm
(standard range)
Shielded
2-meter cable
E57LAL30A2
E57LBL30A2
3-pin micro AC connector
E57LAL30A2SA
E57LBL30A2SA
3-pin micro AC pigtail connector
E57LAL30A2SP
E57LBL30A2SP
3-pin mini-connector
E57MAL30A2B1
E57MBL30A2B1
15 mm
(standard range)
Unshielded
2-meter cable
E57LAL30A2E
E57LBL30A2E
3-pin micro AC connector
E57LAL30A2EA
E57LBL30A2EA
3-pin micro AC pigtail connector
E57LAL30A2EP
E57LBL30A2EP
3-pin mini-connector
E57MAL30A2EB1
E57MBL30A2EB1
20–132 Vac
22 mm
(extended range)
Semi-shielded
2-meter cable
E57-30LE22-A
E57-30LE22-A1
3-pin micro AC connector
E57-30LE22-AA
E57-30LE22-A1A
3-pin micro AC pigtail connector
E57-30LE22-AP
E57-30LE22-A1P
3-pin mini-connector
E57-30LE22-AB
E57-30LE22-A1B
40–250 Vac
50/60 Hz2
20–250 Vdc
10 mm
(standard range)
Shielded
2-meter cable
E57SAL30A2
E57SBL30A2
3-pin micro AC connector
E57SAL30A2SA
E57SBL30A2SA
15 mm
(standard range)
Unshielded
2-meter cable
E57SAL30A2E
E57SBL30A2E
3-pin micro AC connector
E57SAL30A2EA
E57SBL30A2EA
Right Angle
30 mm


Similar Part No. - E52-25QS10-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E52-CA10AE OMRON-E52-CA10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1D OMRON-E52-CA1D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA1GT OMRON-E52-CA1GT Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA2GV OMRON-E52-CA2GV Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
E52-CA6D OMRON-E52-CA6D Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
More results

Similar Description - E52-25QS10-C

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-2FS0-RG-QD RALSTON-QTHA-2FS0-RG-QD_19 Datasheet
264Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com