Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7833 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # ACPM-7833
Description  CDMA1900 (PCS) Power Amplifier Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ACPM-7833 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button ACPM-7833 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ACPM-7833 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ACPM-7833 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ACPM-7833 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ACPM-7833 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ACPM-7833 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ACPM-7833 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ACPM-7833 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ACPM-7833 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
cdma 2000 1xRTT Characterization
System Description
CDMA2000 is the TIA’s standard
for third generation (3G) technol-
ogy and is an evolution of the IS-
95 CDMA format. CDMA2000
includes 1X RTT in the single-
carrier mode and 3X RTT in the
multi-carrier mode. This paper
describes the CDMA2000 1X RTT
approach and its performance
with Agilent 4x4 CDMA PAs,
ACPM-7833. CDMA2000 1X RTT,
being an extension of the IS-95
standard, has a chip rate of
1.2288Mchip/s. However, in
1xRTT, the reverse link transmits
more than one code channel to
accommodate the high data
rates. The minimum configura-
tion consists of a reverse pilot
(R-Pilot) channel for synchro-
nous detection by the Base
Transceiver System (BTS) and a
reverse fundamental channel
(R-FCH) for voice. Additional
channels such as the reverse
supplemental channels (R-SCHs)
and the reverse dedicated
channel (R-DCCH) are used to
send data or signaling informa-
tion. Channels can exist at
different rates and power levels.
Table 1 shows the transmitter
specification in CDMA2000
reverse link.
Typical channel configurations below are based on the transmitter test condition in the reverse link.
1) “Basic” Voice only configuration
– R-PICH @ -5.3 dB
– R-FCH @ -1.5 dB 9.6 kbps
2) Voice and Data configuration
– R-PICH @ -5.3 dB
– R-FCH @ -4.54 dB 9.6 kbps
– R-SCH1 @ -4.54 dB 9.6 kbps
Specification
Spread Rate1
ERP at Maximum Output Power
Lower limit +23 dBm
Upper limit +30 dBm
Minimum Controlled Output Power
-50 dBm/1.23 MHz
Waveform Quality Factor and Frequency Accuracy
>0.944
SR1, Band Class 0(Cellular band)
SR1, Band Class1(PCS band)
885 kHz to 1.98 MHz
1.25 MHz to 1.98 MHz
Less stringent of -42 dBc/30 kHz
Less stringent of -42 dBc/30 kHz
or -54 dBm/1.23 MHz
or -54 dBm/1.23 MHz
1.98 MHz to 3.125 MHz
1.98 MHz to 2.25 MHz
Less stringent of -54 dBc/30 kHz
Less stringent of -50 dBc/30 kHz
or -54 dBm/1.23 MHz
or -54 dBm/1.23 MHz
3.125 MHz to 5.625 MHz
2.25 MHz to 6.25 MHz
-13 dBm/100 kHz
-13 dBm/1 MHz
Spurious Emission at
Maximum RF output
power offset frequency
within the range
Table 1. Transmitter Specification in Reverse Link.
3) Voice and Control configuration
– R-PICH @ -5.3 dB
– R-FCH @ -3.85 dB 9.6 kbps
– R-DCCH @ -3.85 dB 9.6 kbps
4) Control channel only configuration
– R-PICH @ -5.3 dB
– R-DCCH @ -1.5 dB 9.6 kbps


Similar Part No. - ACPM-7833

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7833 AVAGO-ACPM-7833 Datasheet
199Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Broadcom Corporation.
ACPM-7833 BOARDCOM-ACPM-7833 Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7833-BLK AVAGO-ACPM-7833-BLK Datasheet
199Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Broadcom Corporation.
ACPM-7833-BLK BOARDCOM-ACPM-7833-BLK Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7833-TR1 AVAGO-ACPM-7833-TR1 Datasheet
199Kb / 20P
   Dynamic bias control for low midpower Idd
More results

Similar Description - ACPM-7833

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7833 BOARDCOM-ACPM-7833 Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
WS1403 AVAGO-WS1403 Datasheet
390Kb / 15P
   CDMA PCS 3x3 Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1759 FAIRCHILD-RMPA1759 Datasheet
542Kb / 8P
   Korean-PCS PowerEdge Power Amplifier Module
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
   PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com