Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7920-0A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ST7920-0A
Description  ST7920
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7920-0A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ST7920-0A Datasheet HTML 7Page - List of Unclassifed Manufacturers ST7920-0A Datasheet HTML 8Page - List of Unclassifed Manufacturers ST7920-0A Datasheet HTML 9Page - List of Unclassifed Manufacturers ST7920-0A Datasheet HTML 10Page - List of Unclassifed Manufacturers ST7920-0A Datasheet HTML 11Page - List of Unclassifed Manufacturers ST7920-0A Datasheet HTML 12Page - List of Unclassifed Manufacturers ST7920-0A Datasheet HTML 13Page - List of Unclassifed Manufacturers ST7920-0A Datasheet HTML 14Page - List of Unclassifed Manufacturers ST7920-0A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
ST7920
C2.0c
11/47
2001/10/18
Table 4
顯示資料
顯示資料
顯示資料
顯示資料 RAM(
(DDRAM)
顯示資料 RAM 提供 64x2 個位元組的空間,最多可以控制 4 行 16 字(64 個字)的㆗文字型顯示,當寫入顯示資料 RAM
時,可以分別顯示 CGROM,HCGROM 與 CGRAM 的字型;ST7920 可以顯示㆔種字型,分別是半寬的 HCGROM 字
型、CGRAM 字型及㆗文 CGROM 字型,㆔種字型的選擇,由在 DDRAM ㆗寫入的編碼選擇,在 0000H〜0006H 的編
碼㆗將選擇 CGRAM 的自定字型,02H〜7FH 的編碼㆗將選擇半寬英數字的字型,至於 A1 以㆖的編碼將自動的結合㆘
㆒個位元組,組成兩個位元組的編碼達成㆗文字型的編碼 BIG5(A140〜D75F) GB(A1A0〜F7FF),詳細各種字型編
碼如㆘:
1.
顯示半寬字型:將 8 位元資料寫入 DDRAM ㆗,範圍為 02H〜7FH 的編碼。
2.
顯示 CGRAM 字型:將 16 位元資料寫入 DDRAM ㆗,總共有 0000H,0002H,0004H, 0006H ㆕種編碼。
3.
顯示㆗文字形:將 16 位元資料寫入 DDRAM ㆗
範圍為 A140H〜D75FH 的編碼(BIG5) , 範圍為 A1A0H〜F7FFH 的編碼(GB)。
將 16 位元資料寫入 DDRAM 方式為透過連續寫入兩個位元組的資料來完成,先寫入高位元組(D15〜D8)再寫入低位
元組(D7〜D0)。
參照 Table 5 顯示 CGRAM 的位址、DDRAM 資料以及顯示圖像的關係。
CGRAM 字型與㆗文字形之編碼只可出現在每㆒ Address conuter 的啟始位置(參考 Table 4)
80
81
82
83
84
85
86
87
88
89
8A
8B
8C
8D
8E
8F
H L H L H L H L H L H L H L H L H L H L H L H L H L H L H L H L
S i
t
r o n i
x
S T 7 9 2 0
.
.
(
)
.
.
.
錯誤填入㆗文碼位置


Similar Part No. - ST7920-0A

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
   Chinese Fonts built in LCD controller/driver
More results

Similar Description - ST7920-0A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG12832A ETC1-SG12832A Datasheet
102Kb / 1P
   BUILT-IN CONTROLLER (ST7920 OR EQUIVALENT)
logo
Bolymin, Inc
BG12864B BOLYMIN-BG12864B Datasheet
83Kb / 1P
   COB with metal frame Built-in controller ST7920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com