Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173D224X9035U Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 173D224X9035U
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D224X9035U Datasheet(HTML) 4 Page - Vishay Siliconix

  173D224X9035U Datasheet HTML 1Page - Vishay Siliconix 173D224X9035U Datasheet HTML 2Page - Vishay Siliconix 173D224X9035U Datasheet HTML 3Page - Vishay Siliconix 173D224X9035U Datasheet HTML 4Page - Vishay Siliconix 173D224X9035U Datasheet HTML 5Page - Vishay Siliconix 173D224X9035U Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 40019
Revision 13-Jun-02
www.vishay.com
90
173D
Vishay Sprague
For technical questions, contact tantalum@vishay.com
STANDARD RATINGS
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
CAP. TOL.
± 20%
PART NUMBER*
CAP. TOL.
± 10%
MAX. DCL
@ + 25
°C
(
µA)
MAX. DF
@ + 25
°C
120 Hz
(%)
3
3
3
3
3
3
3
3
3
3
3
3
4
4
4
4
4
4
4
6
6
6
6
6
6
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.7
0.8
0.9
1.1
1.4
1.5
1.5
2.4
3.0
3.6
4.4
5.4
6.6
7.8
9.4
*Part number should include "X5" for
± 5% units (special order).
U
U
U
U
U
V
V
V
V
V
V
W
W
W
W
W
W
X
X
Y
Y
Y
Y
Y
Y
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
173D474X0025U
173D684X0025U
173D105X0025U
173D155X0025V
173D225X0025V
173D335X0025V
173D475X0025W
173D685X0025W
173D106X0025W
173D156X0025X
173D226X9025Y
173D336X0025Y
173D476X0025Y
173D474X9025U
173D564X9025U
173D684X9025U
173D824X9025U
173D105X9025U
173D125X9025V
173D155X9025V
173D185X9025V
173D225X9025V
173D275X9025V
173D335X9025V
173D395X9025W
173D475X9025W
173D565X9025W
173D685X9025W
173D825X9025W
173D106X9025W
173D126X9025X
173D156X9025X
173D186X9025Y
173D226X9025Y
173D276X9025Y
173D336X9025Y
173D396X9025Y
173D476X9025Y
25 WVDC @ + 85
°C, SURGE = 32 V . . . 17 WVDC @ + 125°C, SURGE = 21 V
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.8
0.9
1.1
1.3
1.6
1.9
2.4
2.9
3.5
4.3
5.0
6.2
7.5
8.9
10.0
10.0
10.0
4
4
4
4
4
4
4
4
4
4
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
173D105X9020U
173D125X9020U
173D155X9020U
173D185X9020V
173D225X9020V
173D275X9020V
173D335X9020V
173D395X9020V
173D475X9020V
173D565X9020W
173D685X9020W
173D825X9020W
173D106X9020W
173D126X9020X
173D156X9020X
173D186X9020X
173D226X9020X
173D276X9020Y
173D336X9020Y
173D396X9020Y
173D476X9020Y
173D566X9020Y
173D686X9020Y
173D826X9020Y
173D107X9020Y
173D105X0020U
173D155X0020U
173D225X0020V
173D335X0020V
173D475X0020V
173D685X0020W
173D106X0020W
173D156X0020X
173D226X0020X
173D336X0020Y
173D476X0020Y
173D686X0020Y
173D107X0020Y
U
U
U
V
V
V
V
V
V
W
W
W
W
X
X
X
X
Y
Y
Y
Y
Y
Y
Y
Y
Solid-Electrolyte TANTALEX
® Capacitors,
Axial-Leaded, Molded-Case


Similar Part No. - 173D224X9035U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D2241035U23 VISHAY-173D2241035U23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2241050U23 VISHAY-173D2241050U23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D224X9035U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com