Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-301G-K0300 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 5082-301G-K0300
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-301G-K0300 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 5082-301G-K0300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-301G-K0300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-301G-K0300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-301G-K0300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-301G-K0300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-301G-K0300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-301G-K0300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-301G-K0300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-301G-K0300 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
HDSP-301E/303E/561E/563E
IV Bin Category
Min.
Max.
I
1.100
2.200
K
1.800
3.600
HDSP-561Y/563Y
IV Bin Category
Min.
Max.
K
1.800
3.600
L
2.800
5.600
HDSP-301Y/303Y
IV Bin Category
Min.
Max.
I
1.100
2.200
K
1.800
3.600
HDSP-301A/303A/561A/563A
IV Bin Category
Min.
Max.
F
0.280
0.560
G
0.450
0.900
HDSP-301G/303G/561G/563G
IV Bin Category
Min.
Max.
K
1.800
3.600
L
2.800
5.600
Intensity Bin Limits (mcd)
Green
Yellow
HER
AlGaAs Red
Dominant Wavelength (nm)
Color
Bin
Min.
Max.
Green
3
570.00
574.50
4
567.00
571.50
Yellow
2
586.50
590.00
3
584.00
587.50
Color Categories
Note:
1. All categories are established for classification of products.
Products may not be available in all categories. Please contact your
Agilent representatives for further clarification/information.
Yellow


Similar Part No. - 5082-301G-K0300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-3001 HP-5082-3001 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3001 ASI-5082-3001 Datasheet
16Kb / 1P
   SILICON PIN DIODE
logo
AVAGO TECHNOLOGIES LIMI...
5082-3001 AVAGO-5082-3001 Datasheet
161Kb / 4P
   Large Dynamic Range
logo
Agilent(Hewlett-Packard...
5082-3039 HP-5082-3039 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3039 ASI-5082-3039 Datasheet
28Kb / 1P
   SILICON PIN DIODE
More results

Similar Description - 5082-301G-K0300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com