Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E160 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E160
Description  12-BIT PARITY GENERATOR/CHECKER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E160 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E160 Datasheet HTML 1Page - ON Semiconductor MC10E160 Datasheet HTML 2Page - ON Semiconductor MC10E160 Datasheet HTML 3Page - ON Semiconductor MC10E160 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10E160 MC100E160
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
IIH
Input HIGH Current
µA
CLK1, CLK2
200
200
200
R
300
300
300
All Other Inputs
150
150
150
IEE
Power Supply Current
mA
10E
82
98
82
98
82
98
100E
82
98
82
98
94
113
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
D to Q
400
650
950
400
650
950
400
650
950
En to Q
300
550
750
300
550
750
300
550
750
CLK to Y
275
500
700
275
500
700
275
500
700
R to Y
275
500
725
275
500
725
275
500
725
ts
Setup Time
ps
D
1200
900
1200
900
1200
900
HOLD
600
300
600
300
600
300
S-IN
350
150
350
150
350
150
SHIFT
500
250
500
250
500
250
th
Hold Time
ps
D
– 400
– 900
– 400
– 900
– 400
– 900
HOLD
100
– 300
100
– 300
100
– 300
S-IN
300
–150
300
–150
300
–150
SHIFT
200
– 250
200
– 250
200
– 250
tr
Rise/Fall Time
ps
tf
20 - 80%
300
450
650
300
450
650
300
450
650
1. Within a device skew is guaranteed for identical transitions on similar paths through a device.


Similar Part No. - MC10E160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
MC10E160FN ONSEMI-MC10E160FN Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
MC10E160FNR2 ONSEMI-MC10E160FNR2 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
MC10E160 ONSEMI-MC10E160_06 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
More results

Similar Description - MC10E160

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160_06 Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160_06 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com