Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3006470 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3006470
Description  ZDIK 1,5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3006470 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3006470 Datasheet HTML 1Page - PHOENIX CONTACT 3006470 Datasheet HTML 2Page - PHOENIX CONTACT 3006470 Datasheet HTML 3Page - PHOENIX CONTACT 3006470 Datasheet HTML 4Page - PHOENIX CONTACT 3006470 Datasheet HTML 5Page - PHOENIX CONTACT 3006470 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZDIK 1,5 Order No.: 3006470
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3006470
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Feb 25, 2011
Certificates / Approvals
Certification
CUL, UL
Accessories
Item
Designation
Description
Assembly
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
3006593
D-ZDIK 1,5
End cover, Length: 73.5 mm, Width: 2 mm, Color: gray
1201413
E/UK 1
End clamps, for supporting the ends of double-level and three-
level terminal blocks, width: 10 mm, color: gray
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
2770215
TS-KK 3
Separating plate, Length: 14 mm, Height: 16 mm, Color: gray
Bridges
3000227
FBRI 2-5 N
Fixed bridge, Number of positions: 2, Color: silver
3000201
FBRI 3-5 N
Fixed bridge, Number of positions: 3, Color: silver
2770642
FBRI 10-5 N
Fixed bridge, Number of positions: 10, Color: silver


Similar Part No. - 3006470

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3006483 PHOENIX-3006483 Datasheet
151Kb / 5P
   ZDIK 1,5-LA 24GN/O-M
3006496 PHOENIX-3006496 Datasheet
151Kb / 5P
   ZDIK 1,5-LA 24RD/O-M
More results

Similar Description - 3006470

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3006483 PHOENIX-3006483 Datasheet
151Kb / 5P
   ZDIK 1,5-LA 24GN/O-M
3006496 PHOENIX-3006496 Datasheet
151Kb / 5P
   ZDIK 1,5-LA 24RD/O-M
3006577 PHOENIX-3006577 Datasheet
73Kb / 2P
   FBSTB 80-ZDIK BU
3006548 PHOENIX-3006548 Datasheet
83Kb / 2P
   FBSTB 10-ZDIK BU
3006551 PHOENIX-3006551 Datasheet
82Kb / 2P
   FBSTB 10-ZDIK RD
3006580 PHOENIX-3006580 Datasheet
73Kb / 2P
   FBSTB 80-ZDIK RD
3006768 PHOENIX-3006768 Datasheet
75Kb / 2P
   FBSTB 80-ZDIK GNYE
3029567 PHOENIX-3029567 Datasheet
49Kb / 2P
   Plug-in bridge - FBSTB 80-ZDIK BN
3006564 PHOENIX-3006564 Datasheet
52Kb / 1P
   Plug-in bridge - FBSTB 80-ZDIK GY
3029554 PHOENIX-3029554 Datasheet
49Kb / 2P
   Plug-in bridge - FBSTB 10-ZDIK BN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com