Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24AC128 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24AC128
Description  128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AC128 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24AC128 Datasheet HTML 1Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 2Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 3Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 4Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 5Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 6Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 7Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 8Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT24AC128
3
Doc. No. 1028, Rev. I
Power-Up Timing (1)(2)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-Up to Read Operation
1
ms
tPUW
Power-Up to Write Operation
1
ms
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During
the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave
address.
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
FUNCTIONAL DESCRIPTION
The CAT24AC128 supports the I2C Bus data
transmission protocol. This Inter-Integrated Circuit Bus
protocol defines any device that sends data to the bus to
be a transmitter and any device receiving data to be a
receiver. The transfer is controlled by the Master device
which generates the serial clock and all START and
STOP conditions for bus access. The CAT24AC128
operates as a Slave device. Both the Master device and
Slave device can operate as either transmitter or receiver,
but the Master device controls which mode is activated.
A.C. CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Symbol
Parameter
VCC = 1.8 V - 5.5 V
VCC = 2.5 V - 5.5 V
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
tAA
SCL Low to SDA Data Out
0.1
3.5
0.05
0.9
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.2
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4.0
0.6
µs
tSU:STA
Start Condition Setup Time
4.0
0.6
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
100
100
ns
tR(1)
SDA and SCL Rise Time
1.0
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4.7
0.6
µs
tDH
Data Out Hold Time
100
50
ns
tWR
Write Cycle Time
5
5
ms
tSP
Input Suppression (SDA, SCL)
100
100
ns


Similar Part No. - CAT24AC128

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JE-1.8TE13 CATALYST-CAT24AC128JE-1.8TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JE-TE13 CATALYST-CAT24AC128JE-TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JI-1.8TE13 CATALYST-CAT24AC128JI-1.8TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JI-TE13 CATALYST-CAT24AC128JI-TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
More results

Similar Description - CAT24AC128

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128_06 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
STMicroelectronics
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
   256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com