Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC32PITE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24FC32PITE13
Description  32K-Bit I2C Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32PITE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24FC32PITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32PITE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT24FC32
3
Doc No. 1092, Rev. J
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Note:
(1) AC measurement conditions:
RL (connects to VCC): 0.3VCC to 0.7 VCC
Input rise and fall times: < 50ns
Input and output timing reference voltages: 0.5 VCC
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
A.C. CHARACTERISTICS
VCC = +2.5V to +5.5V, unless otherwise specified
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Power-Up Timing (2)(3)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-Up to Read Operation
100
µs
tPUW
Power-Up to Write Operation
100
µs
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
V
5
.
5
-
V
5
.
2
=
C
C
V
n
i
Mx
a
Ms
t
i
n
U
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C
0
0
4z
H
k
t
A
A
t
u
O
K
C
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S0
50
0
9s
n
t
F
U
B
)
2
(
n
o
i
s
s
i
m
s
n
a
r
T
w
e
N
a
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
0
0
3
1s
n
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S0
0
6s
n
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C0
0
3
1s
n
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C0
0
6s
n
t
A
T
S
:
U
S
)
n
o
i
t
i
d
n
o
C
t
r
a
t
S
d
e
t
a
e
p
e
R
a
r
o
f
(
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S0
0
6s
n
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
0
1s
n
t
R
)
2
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S
0
0
3s
n
t
F
)
2
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S
0
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S0
0
6s
n
t
H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
5s
n
t
R
W
e
m
i
T
e
l
c
y
C
e
t
i
r
W
5s
m
t
P
S
)
L
C
S
,
A
D
S
(
n
o
i
s
s
s
e
r
p
p
u
S
t
u
p
n
I
0
5s
n
t
P
W
;
U
S
e
m
i
T
p
u
t
e
S
P
W0
0
6s
n
t
P
W
;
D
H
e
m
i
T
d
l
o
H
P
W0
0
3
1s
n


Similar Part No. - CAT24FC32PITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC32A CATALYST-CAT24FC32A Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32AJTE13 CATALYST-CAT24FC32AJTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32AKTE13 CATALYST-CAT24FC32AKTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32ALTE13 CATALYST-CAT24FC32ALTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32APTE13 CATALYST-CAT24FC32APTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC32PITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC32A CATALYST-CAT24FC32A Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com