Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC32ALTE13 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT24FC32ALTE13
Description  32K-Bit Fast Mode I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32ALTE13 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT24FC32ALTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32ALTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32ALTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32ALTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32ALTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32ALTE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC32ALTE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC32ALTE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24FC32ALTE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT24FC32A
11
Doc. No. 1048, Rev. F
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a CAT24FC32AK-TE13 (SOIC, Commercial Temperature, Tape & Reel)
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWA). For additional
information, please contact your Catalyst sales office.
REVISION HISTORY
Prefix
Device #
Suffix
24FC32A
K
TE13
Product
Number
Tape & Reel
Package
P: PDIP
K: SOIC (EIAJ)
J: SOIC (JEDEC)
U: TSSOP
L: PDIP (Lead free, Halogen free)
X: SOIC (EIAJ, Lead free, Halogen free)
W: SOIC (JEDEC, Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
CAT
Optional
Company ID
Rev A(2)
Die Revision
e
t
a
Dn
o
i
s
i
v
e
Rs
t
n
e
m
m
o
C
3
0
0
2
/
0
1
/
2
1C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
l
a
i
c
r
e
m
m
o
C
d
e
t
a
n
i
m
il
E
4
0
0
2
/
8
1
/
4
0D
n
o
i
t
a
n
g
i
s
e
d
t
e
e
h
s
a
t
a
d
e
t
e
l
e
D
o
g
o
L
e
e
r
F
d
a
e
L
d
d
A
s
e
r
u
t
a
e
F
e
t
a
d
p
U
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
e
t
a
d
p
U
y
r
o
t
s
i
H
n
o
i
s
i
v
e
R
d
d
A
r
e
b
m
u
N
v
e
R
e
t
a
d
p
U
4
0
0
2
/
7
/
7E
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
o
t
n
o
i
s
i
v
e
r
e
i
d
d
d
A
4
0
0
2
/
4
0
/
1
1F
s
e
r
u
t
a
e
F
e
t
a
d
p
U
s
n
o
i
t
i
d
n
o
C
g
n
i
t
a
r
e
p
O
d
e
d
n
e
m
m
o
c
e
R
e
t
a
d
p
U
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
e
t
a
d
p
U


Similar Part No. - CAT24FC32ALTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLETE13 CATALYST-CAT24FC32GLETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLITE13 CATALYST-CAT24FC32GLITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWETE13 CATALYST-CAT24FC32GWETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWITE13 CATALYST-CAT24FC32GWITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC32ALTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com