Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT32 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT32 Datasheet HTML 1Page - Catalyst Semiconductor CAT32 Datasheet HTML 2Page - Catalyst Semiconductor CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT32
4
Doc. No. 5001, Rev. AC
TYPICAL CHARACTERISTICS
VIN=3.6V, TAMB=25˚C, CIN=4.7
µF, COUT=1µF, L=6.8µH, unless otherwise specified.
Quiescent Current vs. Input Voltage
200
300
400
500
600
23
4
5
67
INPUT VOLTAGE [V]
Quiescent Current vs. Temperature
200
300
400
500
600
-50
-25
0
25
50
75
100
125
VIN = 7V
VIN = 2V
Switching Frequency vs. Input Voltage
0.00
0.40
0.80
1.20
1.60
2.00
23
45
67
INPUT VOLTAGE [V]
Switching Frequency vs. Temperature
0.0
0.4
0.8
1.2
1.6
2.0
-50
-25
0
25
50
75
100
125
LED Current vs. Input Voltage
0
5
10
15
20
25
30
35
23
45
67
INPUT VOLTAGE [V]
Rset = 1.5k
Rset = 2.26k
Rset = 750
Rset = 1.13k
LED Current vs. Temperature
0
5
10
15
20
-50
-25
0
25
50
75
100
125


Similar Part No. - CAT32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32 Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
   Catalyst Semiconductor
More results

Similar Description - CAT32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com