Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3031076 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3031076
Description  ST 1,5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3031076 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3031076 Datasheet HTML 1Page - PHOENIX CONTACT 3031076 Datasheet HTML 2Page - PHOENIX CONTACT 3031076 Datasheet HTML 3Page - PHOENIX CONTACT 3031076 Datasheet HTML 4Page - PHOENIX CONTACT 3031076 Datasheet HTML 5Page - PHOENIX CONTACT 3031076 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 24, 2010
Extract from the online
catalog
 
ST 1,5
Order No.: 3031076
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3031076
 
 
Feed-through modular terminal block, Type of connection: Spring-
cage connection, Cross section: 0.08 mm² - 1.5 mm², AWG 28 - 16,
Width: 4.2 mm, Color: gray, Mounting type: NS 35/7,5, NS 35/15
 
Commercial data
EAN
4017918186616
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.004974 KG
Catalog page information
Page 74 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
gray


Similar Part No. - 3031076

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3031008 WURTH-3031008 Datasheet
182Kb / 3P
   WE-LT Conductive Shielding Gasket
005.002
logo
PHOENIX CONTACT
3031010 PHOENIX-3031010 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
3031011 PHOENIX-3031011 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
3031012 PHOENIX-3031012 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
logo
Wurth Elektronik GmbH &...
3031018 WURTH-3031018 Datasheet
182Kb / 3P
   WE-LT Conductive Shielding Gasket
005.002
More results

Similar Description - 3031076

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3031186 PHOENIX-3031186 Datasheet
178Kb / 5P
   ST 1,5-QUATTRO
3031089 PHOENIX-3031089 Datasheet
169Kb / 5P
   ST 1,5 BU
3031128 PHOENIX-3031128 Datasheet
175Kb / 6P
   ST 1,5-TWIN
3037025 PHOENIX-3037025 Datasheet
135Kb / 3P
   ST 1,5 YE
3037038 PHOENIX-3037038 Datasheet
147Kb / 4P
   ST 1,5 RD
3031513 PHOENIX-3031513 Datasheet
169Kb / 5P
   ST 1,5-PE
3031131 PHOENIX-3031131 Datasheet
176Kb / 6P
   ST 1,5-TWIN BU
3031199 PHOENIX-3031199 Datasheet
178Kb / 5P
   ST 1,5-QUATTRO BU
3037300 PHOENIX-3037300 Datasheet
157Kb / 5P
   ST 1,5-TWIN BK
3037261 PHOENIX-3037261 Datasheet
149Kb / 4P
   ST 1,5-TWIN YE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com