Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC164WE-TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24WC164WE-TE13
Description  16K-Bit Serial EEPROM, Cascadable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC164WE-TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC164WE-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC164WE-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC164WE-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC164WE-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC164WE-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC164WE-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC164WE-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC164WE-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC164WE-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAT24WC164
16K-Bit Serial EEPROM, Cascadable
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
DIP Package (P, L)
SOIC Package (J, W)
5020 FHD F01
FEATURES
I 400 kHz I2C bus compatible*
I 1.8 to 6.0 volt operation
I Low power CMOS technology
I Write protect feature
- Entire array protected when WP at V
IH
I Page write buffer
I Self-timed write cycle with auto-clear
I 1,000,000 program/erase cycles
I 100 year data retention
I 8-pin DIP, 8-pin SOIC, 8-pin MSOP or
8 pin TSSOP
(Also available in "Green" packages)
I Industrial, automotive and
extended temperature ranges
DESCRIPTION
The CAT24WC164 is a16K-bit, cascadable Serial CMOS
EEPROM internally organized as 2048 words of 8 bits
each. Catalyst’s advanced CMOS technology substan-
tially reduces device power requirements. The
CAT24WC164 features a 16-byte page write buffer. The
device operates via the I2C bus serial interface, has a
special write protection feature, and is available in 8-pin
DIP, 8-pin SOIC, 8-pin TSSOP and 8-lead MSOP.
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TSSOP Package (U, Y)
Doc. No. 1026, Rev. I
MSOP Package (R, Z)
VCC
SCL
SDA
1
2
3
4
8
7
6
5
VSS
A2
A0
A1
TEST
ALO
GEN FR
TM
LEAD FREE
A2
A0
A1
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A1
A2
VSS
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
A0
A1
A2
SDA
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4


Similar Part No. - CAT24WC164WE-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC164WE-1.8TE13 CATALYST-CAT24WC164WE-1.8TE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
More results

Similar Description - CAT24WC164WE-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC164 CATALYST-CAT24WC164_1 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
logo
Microchip Technology
24AA164 MICROCHIP-24AA164 Datasheet
124Kb / 12P
   16K 1.8V Cascadable I2CTM Serial EEPROM
1999
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
logo
Samsung semiconductor
S524L50X51 SAMSUNG-S524L50X51 Datasheet
140Kb / 20P
   16K-bit Serial EEPROM
logo
Ceramate Technical
24LLC16 CERAMATE-24LLC16 Datasheet
670Kb / 22P
   16K-Bit-Serial EEPROM
logo
Samsung semiconductor
S524L50D51 SAMSUNG-S524L50D51 Datasheet
142Kb / 20P
   16K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com