Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A317A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A317A
Description  Precision Wide Bandwidth Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A317A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A317A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A317A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A317A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A317A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A317A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A317A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A317A Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
26
PS7059B
02/23/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A317A/318A/319A
Precison Wide Bandwidth Analog Switches
Single 5.0V Supply
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%, GND = 0V)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VANALOG
Analog Signal Range(2)
0—
5
V
RON
ON-Resistance
INC or NO = 10 mA to 30 mA
6
12
∆RON
Match Between Channels
(319A)
0.8
2
RFLAT(ON)
RON Flatness(4)
ION = 1 mA, VNO, VNC = 0V to VCC
—3
5
INO(OFF)
Off Leakage Current
VNO, VNC = 4.5V
–80
80
nA
INC(ON)
ICOM(ON)
On Leakage Current
VNO, VNC = 4.5V
–30
30
nA
IO
Output Current
VNO, VNC or VCOM = 0V to VCC
100
mA
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
µA
ICC
Quiescent Supply Current
Vcc = 5.5V, Vin = 0V or Vcc
1
µA
Storage Temperature ................................................................... –65°C to +150°C
Ambient Temperature with Power Applied .................................. –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ............. –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) .......... –0.5V to +7.0V
DC Input Voltage ...................................................................... –0.5VtoVcc+0.5V
DC Output Current .................................................................................... 120mA
Power Dissipation .......................................................................................... 0.5W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these
or any other conditions above those indicated in
the operational sections of this specification is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect
reliability.
Dynamic Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%, GND = 0V)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
tON
Turn-on Time
VCOM = 3.0V, see Figure 1
10
20
ns
tOFF
Turn-off Time
VCOM = 3.0V, see Figure 1
4
10
ns
Q
Charge Injection (2)
CL = 0.5 nF, VGen = 0V, see Figure 4
3
5
pC
C(OFF)
NC or NO Capacitance
f = 1 kHz
13
pF
CCOM(ON/OFF)
COM On Capacitance
f = 1 kHz (319A)
45
pF
CCOM(OFF)
COM Off Capacitance
f = 1 kHz (317A, 318A)
13
pF
OIRR
Off Isolation
RL = 100
Ω, f = 1 MHz, see Figure 2
−72
dB
BW
Bandwidth –3 dB
RL = 100
Ω (319Α), see Figure 3
106
MHz
RL = 100
Ω(317Α,318Α), seeFigure3
200
MHz
D
Distortion RFLAT/RL
RL = 100
—4
%
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1. For Max or Min. conditions, use appropriate value specified under Electrical Characteristics for applicable device type.
2. Guaranteed by design.


Similar Part No. - PI5A317A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A317A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
   Precision Wide Bandwidth Analog Switches
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
   Dual, Wide Bandwidth Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
   Dual, Wide Bandwidth Analog Switches
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com