Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4237TS Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT4237TS
Description  High Voltage CMOS Boost White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237TS Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT4237TS Datasheet HTML 1Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 2Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 3Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 4Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 5Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 6Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 7Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 8Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT4237
© 2005 Catalyst Semiconductor, Inc.
4 of 13
Doc. No. 5013, Rev. A
Characteristics subject to change without notice
DEVICE OPERATION
The CAT4237 is a fixed frequency (1MHz),
low noise, inductive boost converter that
provides a constant current with excellent
line and load regulation. The device uses a
high-voltage CMOS power switch between
the SW pin and ground to energize the
inductor. When the switch is turned off, the
stored energy in the inductor is released into
the load via the Schottky diode.
The on/off duty cycle of the power switch is
internally adjusted and controlled to maintain
a constant regulated voltage of 0.3V across
the feedback resistor connected to the
feedback pin (FB). The value of the resistor
sets the LED current accordingly (0.3V/R1).
During the initial power-up stage, the duty
cycle of the internal power switch is limited
to prevent excessive in-rush currents and
thereby
provide
a
“soft-start”
mode
of
operation.
While in normal operation, the device can
deliver up to 40mA of load current into a
string of up to 8 white LEDs.
In the event of a “Open LED” fault condition,
where the feedback control loop becomes
open, the output voltage will continue to
increase. Once this voltage exceeds 35V, an
internal protection circuit will become active
and place the device into a very low power
safe operating mode where only a small
amount of power is transferred to the output.
This is achieved by pulsing the switch once
every 60
µs and keep it on for about 1µs
only.
Thermal overload protection circuitry has
been included to prevent the device from
operating at unsafe junction temperatures
above 150ºC.
In the event of a thermal
overload
condition
the
device
will
automatically shutdown and wait till the
junction temperatures cools to 130ºC before
normal operation is resumed.
Light load operation
Under light load condition (under 4mA) and
with input voltage above 4.2V, the CAT4237
driving 6 LEDs, the driver starts pulse
skipping. Although the LED current remains
well regulated, some lower frequency ripple
may appear.
Switching Waveform VIN = 4.2V, ILED = 4mA


Similar Part No. - CAT4237TS

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237TD CATALYST-CAT4237TD Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237TD-GT3 CATALYST-CAT4237TD-GT3 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results

Similar Description - CAT4237TS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com