Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1171110-F20-41-A103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RK1171110-F20-41-A103
Description  11mm Size Metal Shaft Low-profile Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK1171110-F20-41-A103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RK1171110-F20-41-A103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RK1171110-F20-41-A103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RK1171110-F20-41-A103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RK1171110-F20-41-A103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RK1171110-F20-41-A103 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Metal
Shaft
Rotary
Potentiometers
28
Slide
Potentiometers
Trimmer
Potentiometers
Multi Control
Devices
Position Sensors
Insulated
Shaft
Knob
Operating
11mm Size Metal Shaft Low-profile Potentiometer
RK117 Series
3 types available: without switch, with 0.5mm travel or 1.5mm travel push-on switch.
Typical Specifications
Items
Total resistance tolerance
Maximum operating voltage
Total rotational angle
Rotational torque
Operating life
Operating temperature range
Specifications
±20%
50V AC
300
2 to 25 mN
・m
15,000 cycles
10
℃ to 70℃
Recommended Products List
Single-shaft without switch type
+10°
−5°
Low-profile
(only 7.55mm in height)with a 1.5mm travel
push-on switch.
Rear mounting configuration permits direct mounting on the
front side of a PC board.
Without detent, with center detent, with 41 detents are
available.
Features
Sound volume, tone and balance controls for car audio
systems and other audio players
Controls for accessories including dimmers and wipers in
vehicle cabins
Level controls for communication devices including
transceivers
Controls for home appliances
Applications
Number of
resistor elements
Mounting
direction
Shaft
type
Length
of the shaft
(mm)
Center
detent
Total
resistance
(kΩ)
Resistance
taper
Products No.
Minimum
packing unit
(pcs.)
Drawing
No.
Single-unit
Vertical
type
Flat
15
20
Without
With
Without
With
Without
10
1B
RK117111000N
RK1171110W04
RK1171110W0D
RK1171110W0L
RK1171110W03
RK117111000A
100
1
2
20
15A
1B
50
10
20
Car Use


Similar Part No. - RK1171110-F20-41-A103

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK117111000A ALPS-RK117111000A Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK117111000N ALPS-RK117111000N Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W03 ALPS-RK1171110W03 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W04 ALPS-RK1171110W04 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W0D ALPS-RK1171110W0D Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
More results

Similar Description - RK1171110-F20-41-A103

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
logo
Bourns Electronic Solut...
PTV111 BOURNS-PTV111 Datasheet
112Kb / 2P
   11mm Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com