Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR0540T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR0540T3
Description  Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR0540T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR0540T3 Datasheet HTML 1Page - ON Semiconductor MBR0540T3 Datasheet HTML 2Page - ON Semiconductor MBR0540T3 Datasheet HTML 3Page - ON Semiconductor MBR0540T3 Datasheet HTML 4Page - ON Semiconductor MBR0540T3 Datasheet HTML 5Page - ON Semiconductor MBR0540T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR0540T1, MBR0540T3
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current
(At Rated VR, TC = 115°C)
IO
0.5
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 20 kHz, TC = 115°C)
IFRM
1.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave,
Single Phase, 60 Hz)
IFSM
5.5
A
Storage/Operating Case Temperature Range
Tstg, TC
−55 to +150
°C
Operating Junction Temperature
TJ
−55 to +150
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
1000
V/
ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance − Junction−to−Lead (Note 1)
Thermal Resistance − Junction−to−Ambient (Note 2)
Rtjl
Rtja
118
206
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3)
vF
TJ = 25°C
TJ = 100°C
V
(iF = 0.5 A)
(iF = 1 A)
0.51
0.62
0.46
0.61
Maximum Instantaneous Reverse Current (Note 3)
IR
TJ = 25°C
TJ = 100°C
mA
(VR = 40 V)
(VR = 20 V)
20
10
13,000
5,000
1. Mounted with minimum recommended pad size, PC Board FR4.
2. 1 inch square pad size (1 X 0.5 inch for each lead) on FR4 board.
3. Pulse Test: Pulse Width
≤ 250 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBR0540T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0540T3 ONSEMI-MBR0540T3 Datasheet
69Kb / 6P
   Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
November, 2005 ??Rev. 6
logo
SUNMATE electronic Co.,...
MBR0540T3 SUNMATE-MBR0540T3 Datasheet
216Kb / 3P
   0.5A Surface Mount Schottky Power Rectifier
logo
ON Semiconductor
MBR0540T3G ONSEMI-MBR0540T3G Datasheet
69Kb / 6P
   Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
November, 2005 ??Rev. 6
MBR0540T3G ONSEMI-MBR0540T3G Datasheet
183Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 7
More results

Similar Description - MBR0540T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0540T1_0511 ONSEMI-MBR0540T1_0511 Datasheet
69Kb / 6P
   Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
November, 2005 ??Rev. 6
logo
Leshan Radio Company
LMBR160T1G LRC-LMBR160T1G Datasheet
256Kb / 3P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
logo
ON Semiconductor
MBR0520LT1 ONSEMI-MBR0520LT1 Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 5
MBR0530T1 ONSEMI-MBR0530T1 Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 4
logo
Leshan Radio Company
LMBR140T1G LRC-LMBR140T1G Datasheet
261Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
logo
ON Semiconductor
MBR130LSFT1 ONSEMI-MBR130LSFT1 Datasheet
58Kb / 6P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
January, 2005 ??Rev. 1
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRA340T3 ONSEMI-MBRA340T3_06 Datasheet
54Kb / 5P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
MBRS1540T3 ONSEMI-MBRS1540T3 Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2005 ??Rev. 3
MBRA140 ONSEMI-MBRA140_V01 Datasheet
301Kb / 6P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
February, 2020 - Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com