Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5110TBI-50-T Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT5110TBI-50-T
Description  32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5110TBI-50-T Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT5110TBI-50-T Datasheet HTML 3Page - Catalyst Semiconductor CAT5110TBI-50-T Datasheet HTML 4Page - Catalyst Semiconductor CAT5110TBI-50-T Datasheet HTML 5Page - Catalyst Semiconductor CAT5110TBI-50-T Datasheet HTML 6Page - Catalyst Semiconductor CAT5110TBI-50-T Datasheet HTML 7Page - Catalyst Semiconductor CAT5110TBI-50-T Datasheet HTML 8Page - Catalyst Semiconductor CAT5110TBI-50-T Datasheet HTML 9Page - Catalyst Semiconductor CAT5110TBI-50-T Datasheet HTML 10Page - Catalyst Semiconductor CAT5110TBI-50-T Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT5110/5118/5119
9
Doc. No. 2120, Rev. A
SC70
PACKAGE OUTLINES
U
SEE DETAIL A
AA
E
E/2
E1/2
E1
PIN #1
B
D
0.15(.006) C
e
N1
N2
0.15(.006) C
A2
A
SEATING PLANE
C
A1
.10(.004) C
(b)
b1
BASE METAL
SECTION A-A
c1 c
DETAIL A
GAGE PLANE
U1
H
015(.0059)
LEAD COUNT
5
6
2
2
3
3
4
4
-
5
5
6
PIN
CODE
N1
N2
N3
N4
N5
NOTE:
1.
CONTROLLING DIMENSION: MILLIMETER. CONVERTED INCH
DIMENSION ARE NOT NECESSARILY EXACT.
2.
DIMENSION "D" DOES NOT INCLUDE MOLD FLASH, PROTRUSION
OR GATE BURR. MOLD FLASH, PROTRUSION OR GATE BURR
SHALL NOT EXCEED 0.15MM (0.006") PER END.
DIMENSION "E1" DOES NOT INCLUDE INTER-LEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.15MM (0.006") PER SIDE.
3.
THE PACKAGE TOP IS SMALLER THAN THE PACKAGE BOTTOM.
DIMENSION D AND E1 ARE DETERMINED AT THE OUTERMOST
EXPTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH,
TIE BAR BURRS, GATE BURRS ADN INTERLEAD FLASH, BUT
INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF
THE PLASTIC BODY.
COMMON
DIMENSIONS MILLIMETER
DIMENSIONS INCH
MIN
NOM
MAX
MIN
NOM
MAX
A
A1
A2
b
b1
c
c1
D
E
E1
e
e1
L
U
U1
0.80
0
0.80
0.15
0.15
0.08
0.08
1.90
2.00
1.15
-
-
0.90
-
0.20
-
0.13
2.10
2.10
1.25
1.10
0.10
1.00
0.30
0.25
0.25
0.20
2.15
2.20
1.35
0.031
0
0.031
0.006
0.006
0.003
0.003
0.074
0.078
0.045
-
-
0.035
-
0.008
-
0.005
0.082
0.082
0.050
0.043
0.004
0.040
0.012
0.010
0.010
0.008
0.084
0.086
0.055
0.65 BSC
1.30 BSC
0.0255 BSC
0.0512 BSC
0.26
0.36
-
-
0.46
10˚
0.010
0-
4-
0.014
-
-
0.018
8-
10-
S
Y
M
B
O
L


Similar Part No. - CAT5110TBI-50-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5110TBI-50-T10 CATALYST-CAT5110TBI-50-T10 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110TBI-50-T10 CATALYST-CAT5110TBI-50-T10 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5110TBI-50-T3 ONSEMI-CAT5110TBI-50-T3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
logo
Catalyst Semiconductor
CAT5110TBI-50-T3 CATALYST-CAT5110TBI-50-T3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110TBI-50-T3 CATALYST-CAT5110TBI-50-T3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5110TBI-50-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com