Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34AC02LI Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT34AC02LI
Description  2K-Bit SMBus EEPROM for ACR Card Configuration
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34AC02LI Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT34AC02LI Datasheet HTML 2Page - Catalyst Semiconductor CAT34AC02LI Datasheet HTML 3Page - Catalyst Semiconductor CAT34AC02LI Datasheet HTML 4Page - Catalyst Semiconductor CAT34AC02LI Datasheet HTML 5Page - Catalyst Semiconductor CAT34AC02LI Datasheet HTML 6Page - Catalyst Semiconductor CAT34AC02LI Datasheet HTML 7Page - Catalyst Semiconductor CAT34AC02LI Datasheet HTML 8Page - Catalyst Semiconductor CAT34AC02LI Datasheet HTML 9Page - Catalyst Semiconductor CAT34AC02LI Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT34AC02
9
Doc No. 1025, Rev. E
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 34AC02JI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating
Voltage, Tape & Reel)
Prefix
Device #
Suffix
34AC02
J
I
TE13
Product
Number
Tape & Reel
TE13: 2000/Reel
Package
P: PDIP
J: SOIC (JEDEC)
U: TSSOP
Operating Voltage
Blank: 2.5V - 6.0V
1.8: 1.8V - 6.0V
-1.8
CAT
Temperature Range
I = Industrial (-40
ßC to 85ßC)
A = Automotive (-40
ßC to 105ßC)
Optional
Company ID
E = Extended (-40
ßC to 125ßC)
R: MSOP
L: PDIP (Lead free, Halogen free)
W: SOIC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Z: MSOP (Lead free, Halogen free)


Similar Part No. - CAT34AC02LI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
More results

Similar Description - CAT34AC02LI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34A02 STMICROELECTRONICS-M34A02 Datasheet
123Kb / 15P
   2 Kbit Serial SMBus EEPROM for ACR Card Configuration
logo
Panasonic Semiconductor
MN63112S PANASONIC-MN63112S Datasheet
36Kb / 4P
   2K-Bit EEPROM
MN6311S PANASONIC-MN6311S Datasheet
40Kb / 6P
   2K-Bit EEPROM
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
   2K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24LC09 MICROCHIP-24LC09 Datasheet
237Kb / 20P
   8K 2.5V ACR SERIAL EEPROM
2001
24LC09 MICROCHIP-24LC09_04 Datasheet
190Kb / 18P
   8K 2.5V ACR SERIAL EEPROM
2004
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com