Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4006STI-55 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS62LV4006STI-55
Description  Very Low Power/Voltage CMOS SRAM 512K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4006STI-55 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS62LV4006STI-55 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV4006STI-55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4006STI-55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4006STI-55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4006STI-55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4006STI-55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4006STI-55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4006STI-55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4006STI-55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Revision 1.1
Jan.
2004
3
R0201-BS62LV4006
1. Typical characteristics are at TA = 25oC.
2. Fmax = 1/t
RC .
3. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
4. IccSB1_MAX. is 5uA/30uA at Vcc=3.0V/5.0V and TA=70oC.
5. Icc_MAX. is 30mA(@3.0V)/70mA(@5.0V) under 55ns operation.
DATA RETENTION CHARACTERISTICS ( TA = -40 to + 85oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
3. IccDR_MAX. is 0.8uA at TA=70OC.
DC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
BSI
LOW V
CC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE
Vcc - 0.2V
BS62LV4006
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.3
1.3
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
VIL
Guaranteed Input Low
Voltage(3)
-0.5
--
0.8
V
VIH
Guaranteed Input High
Voltage(3)
2.2
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE = VIH, or OE = VIH,
VI/O = 0V to Vcc
--
--
1
uA
VOL
Output Low Voltage
--
--
V
VOH
Output High Voltage
Vcc = Min, IOH = -1.0mA
--
--
V
ICC
Operating Power Supply
Current
CE = VIL, IDQ = 0mA,
F=Fmax(2)
--
--
25
mA
ICCSB
Standby Current-TTL
CE = VIH, IDQ = 0mA
--
--
1.0
mA
ICCSB1
CE ≧ Vcc-0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.45
60
uA
Vcc = 3.0 V
Vcc = 3.0 V
Vcc = 5.0 V
Vcc = 5.0 V
Vcc = 5.0 V
Vcc = 3.0 V
Vcc = 3.0 V
Standby Current-CMOS
Vcc = 5.0 V
Vcc = 5.0 V
Vcc = 3.0 V
10
60
Vcc = 5.0 V
Vcc = 5.0 V
Vcc = 3.0 V
Vcc = 3.0 V
0.8
2.0
2.4
0.4
0.5
2.0
2.4
0.4
Vcc = Max, IOL = 2.0mA
(5)
(4)
70ns
70ns


Similar Part No. - BS62LV4006STI-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4006STI55 BSI-BS62LV4006STI55 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006STI70 BSI-BS62LV4006STI70 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006STIG55 BSI-BS62LV4006STIG55 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006STIG55 BSI-BS62LV4006STIG55 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006STIG70 BSI-BS62LV4006STIG70 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4006STI-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4007 BSI-BS62LV4007 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4008 BSI-BS62LV4008 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006_08 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com