Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E337 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10E337
Description  3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E337 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10E337 Datasheet HTML 1Page - ON Semiconductor MC10E337 Datasheet HTML 2Page - ON Semiconductor MC10E337 Datasheet HTML 3Page - ON Semiconductor MC10E337 Datasheet HTML 4Page - ON Semiconductor MC10E337 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10E337 MC100E337
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
VCUT
Cut-off Output Voltage1
– 2.10
– 2.03
– 2.10
– 2.03
– 2.10
– 2.03
V
IIH
Input HIGH Current
µA
All Other Inputs
150
150
150
IEE
Power Supply Current
mA
10E
145
174
145
174
145
174
100E
145
174
145
174
167
200
1. measured with VTT = –2.10V
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
Clk to Q
450
1000
450
1000
450
1000
Clk to BUS
800
1800
800
1800
800
1800
ABUSDIS
500
1500
500
1500
500
1500
SYNCEN
800
1800
800
1800
800
1800
ts
Setup Time
ps
BUS
350
350
350
SBUSEN
100
100
100
Data, S-IN
400
400
400
TEN, REN, SCAN
550
550
550
th
Hold TIme
ps
BUS
350
350
350
SBUSEN
500
500
500
Data, S-IN
350
350
350
TEN, REN, SCAN
200
200
200
tPW
Minimum Pulse Width
ps
CLk
400
400
400
tr
Rise/Fall Times
ps
tf
20 - 80% (Qn)
300
800
300
800
300
800
20 - 80% (BUSn Rise)
500
1000
500
1000
500
1000
20 - 80% (BUSn Fall)
300
800
300
800
300
800


Similar Part No. - MC10E337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
More results

Similar Description - MC10E337

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
SY10E336 MICREL-SY10E336 Datasheet
64Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336_06 Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
   3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
MC10E212 ONSEMI-MC10E212_06 Datasheet
183Kb / 7P
   5V ECL 3-Bit Scannable Registered Address Driver
June, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337 Datasheet
64Kb / 4P
   3-BIT SCANNABLE
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com