Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV4016AC Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616UV4016AC
Description  Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4016AC Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616UV4016AC Datasheet HTML 1Page - Brilliance Semiconductor BS616UV4016AC Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4016AC Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4016AC Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4016AC Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4016AC Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4016AC Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4016AC Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4016AC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BSI
BS616UV4016
3
R0201-BS616UV4016
Revision
1.3
Sep.
2005
n ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal Voltage with
Respect to GND
-0.5
(2) to 4.6V
V
TBIAS
Temperature Under
Bias
-40 to +85
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
MA
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
2.
–2.0V in case of AC pulse width less than 30 ns
n OPERATING RANGE
RANG
AMBIENT
TEMPERATURE
Vcc
Commercial
0
OC to + 70OC
1.8V ~ 3.6V
Industrial
-40
OC to + 85OC
1.9V ~ 3.6V
n CAPACITANCE
(1) (T
A = 25
OC, f = 1.0MHz)
SYMBOL PAMAMETER CONDITIONS MAX. UNITS
CIN
Input
Capacitance
VIN = 0V
6
pF
CIO
Input/Output
Capacitance
VI/O = 0V
8
pF
1. This parameter is guaranteed and not 100% tested.
n DC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VCC
Power Supply
1.9
--
3.6
V
VCC=2.0V
0.6
VIL
Input Low Voltage
VCC=3.0V
-0.3
(2)
--
0.8
V
VCC=2.0V
1.4
VIH
Input High Voltage
VCC=3.0V
2.0
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VIN = 0V to VCC,
CE = VIH
--
--
1
uA
ILO
Output Leakage Current
VI/O = 0V to VCC
CE= VIH, or OE = VIH
--
--
1
uA
VCC = Max, IOL = 0.1mA
VCC=2.0V
0.2
VOL
Output Low Voltage
VCC = Max, IOL = 2.0mA
VCC=3.0V
--
--
0.4
V
VCC = Min, IOH = -0.1mA
VCC=2.0V
VCC-0.2
VOH
Output High Voltage
VCC = Min, IOH = -1.0mA
VCC=3.0V
2.4
--
--
V
VCC=2.0V
12
ICC
Operating
Power
Supply
Current
CE = VIL,
IIO = 0mA, f = FMAX
(4)
VCC=3.0V
--
--
15
mA
VCC=2.0V
0.5
ICCSB
Standby Current
– TTL
CE = VIH,
IIO = 0mA
VCC=3.0V
--
--
1.0
mA
VCC=2.0V
0.3
5.0
ICCSB1
(5)
Standby Current
– CMOS
CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=3.0V
--
0.45
8.0
uA
1. Typical characteristics are at TA=25
OC.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. FMAX=1/tRC.
5. ICCSB1(MAX) is 3.0/6.0uA at VCC=2.0V/3.0V and TA=70
OC.


Similar Part No. - BS616UV4016AC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016AC10 BSI-BS616UV4016AC10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016ACG10 BSI-BS616UV4016ACG10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016ACG10 BSI-BS616UV4016ACG10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016ACP10 BSI-BS616UV4016ACP10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016ACP10 BSI-BS616UV4016ACP10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616UV4016AC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com