Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN87C151SA Datasheet(PDF) 11 Page - Intel Corporation

Part # TN87C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TN87C151SA Datasheet(HTML) 11 Page - Intel Corporation

Back Button TN87C151SA Datasheet HTML 7Page - Intel Corporation TN87C151SA Datasheet HTML 8Page - Intel Corporation TN87C151SA Datasheet HTML 9Page - Intel Corporation TN87C151SA Datasheet HTML 10Page - Intel Corporation TN87C151SA Datasheet HTML 11Page - Intel Corporation TN87C151SA Datasheet HTML 12Page - Intel Corporation TN87C151SA Datasheet HTML 13Page - Intel Corporation TN87C151SA Datasheet HTML 14Page - Intel Corporation TN87C151SA Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Table 7 Signal Descriptions
(Continued)
Signal
Type
Description
Multiplexed
Name
With
VSS
GND
Circuit Ground
Connect this pin to ground
VSS1
GND
Secondary Ground
This ground is provided to reduce ground bounce
and improve power supply bypassing Connection of this pin to ground
is recommended However when using the 8XC151SASB as a pin-
for-pin replacement for the 8XC51BH VSS1 can be unconnected
without loss of compatibility (Not available on DIP)
VSS2
GND
Secondary Ground 2
This ground is provided to reduce ground
bounce and improve power supply bypassing Connection of this pin to
ground is recommended However when using the 8XC151SASB as
a pin-for-pin replacement for the 8XC51FX VSS2 can be unconnected
without loss of compatibility (Not available on DIP)
WR
O
Write
Write signal output to external memory
P36
XTAL1
I
Input to the On-chip Inverting Oscillator Amplifier
To use the
internal oscillator a crystalresonator circuit is connected to this pin If
an external oscillator is used its output is connected to this pin XTAL1
is the clock source for internal timing
XTAL2
O
Output of the On-chip Inverting Oscillator Amplifier
To use the
internal oscillator a crystalresonator circuit is connected to this pin If
an external oscillator is used leave XTAL2 unconnected
The descriptions of A158P270 and AD70P070 are for the nonpage-mode chip configuration (compatible with
44-lead PLCC and 40-pin DIP MCS 51 microcontrollers) If the chip is configured for page-mode operation port 0 carries
the lower address bits (A70) and port 2 carries the upper address bits (A158) and the data (D70)
11


Similar Part No. - TN87C151SA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TN87C196CA INTEL-TN87C196CA Datasheet
453Kb / 33P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
TN87C196CB INTEL-TN87C196CB Datasheet
453Kb / 33P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
TN87C196JQ INTEL-TN87C196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
TN87C196JR INTEL-TN87C196JR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
TN87C196KB INTEL-TN87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - TN87C151SA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com