Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC80C51 Datasheet(PDF) 14 Page - Integrated Circuit Solution Inc

Part # IC80C51
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C51 Datasheet(HTML) 14 Page - Integrated Circuit Solution Inc

Back Button IC80C51 Datasheet HTML 10Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 11Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 12Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 13Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 14Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 15Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 16Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 17Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 18Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
IC80C51
IC80C31
S3-14
Integrated Circuit Solution Inc.
MC001-0B
TIMER/COUNTERS
The IC80C51/31 has two 16-bit Timer/Counter registers:
Timer 0,Timer 1. All two can be configured to operate either
as Timers or event Counters.
As a Timer, the register is incremented every machine
cycle. Thus, the register counts machine cycles. Since a
machine cycle consists of 12 oscillator periods, the count
rate is 1/12 of the oscillator frequency.
As a Counter, the register is incremented in response to a
1-to-0 transition at its corresponding external input pin, T0
and T1. The external input is sampled during S5P2 of every
machine cycle. When the samples show a high in one cycle
and a low in the next cycle, the count is incremented. The
new count value appears in the register during S3P1 of the
cycle following the one in which the transition was detected.
Since two machine cycles (24 oscillator periods) are required
to recognize a 1-to-0 transition, the maximum count rate is
1/24 of the oscillator frequency. There are no restrictions on
the duty cycle of the external input signal, but it should be
held for at least one full machine cycle to ensure that a
given level is sampled at least once before it changes.
In addition to the Timer or Counter functions, Timer 0 and
Timer 1 have four operating modes: 13-bit timer, 16-bit
timer, 8-bit auto-reload, split timer.
Timer 0 and Timer 1
Timer/Counters 0 and 1 are present in both the IC80C51/
31 and IC80C52/32.The Timer or Counter function is
selected by control bits C/
T in the Special Function Regiser
TMOD. These two Timer/Counters have four operating
modes, which are selected by bit pairs (M1, M0) in TMOD.
Modes 0, 1, and 2 are the same for both Timer/Counters,
but Mode 3 is different. The four modes are described in the
following sections.
Mode 0:
Both Timers in Mode 0 are 8-bit Counters with a divide-by-
32 prescaler. Figure 8 shows the Mode 0 operation as it
applies to Timer 1.
In this mode, the Timer register is configured as a 13-bit
register. As the count rolls over from all 1s to all 0s, it sets
the Timer interrupt flag TF1. The counted input is enabled
to the Timer when TR1 = 1 and either GATE = 0 or
INT1 =
1. Setting GATE = 1 allows the Timer to be controlled by
external input
INT1, to facilitate pulse width measurements.
TR1 is a control bit in the Special Function Register TCON.
Gate is in TMOD.
The 13-bit register consists of all eight bits of TH1 and the
lower five bits of TL1. The upper three bits of TL1 are
indeterminate and should be ignored. Setting the run flag
(TR1) does not clear the registers.
Mode 0 operation is the same for Timer 0 as for Timer 1,
except that TR0, TF0 and
INT0 replace the corresponding
Timer 1 signals in Figure 8. There are two different GATE
bits, one for Timer 1 (TMOD.7) and one for Timer 0 (TMOD.
3).
DIVIDE 12
OSC
OSC
(XTAL2)
TL1
(5 BITS)
TH1
(8 BITS)
TF1
CONTROL
C/T = 0
C/T = 1
GATE
INT1 PIN
TR1
T1 PIN
INTERRUPT
P1
S1
S2
S3
ONE MACHINE
CYCLE
ONE MACHINE
CYCLE
S4
S5
S6
S1
S2
S3
S4
S5
S6
S1
P2
P1 P2 P1 P2 P1 P2 P1 P2 P1 P2 P1 P2 P1 P2 P1 P2 P1 P2 P1 P2 P1 P2
P1 P2
Figure 8. Timer/Counter 1 Mode 0: 13-Bit Counter


Similar Part No. - IC80C51

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C52 ICSI-IC80C52 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C52-12PL ICSI-IC80C52-12PL Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C52-12PQ ICSI-IC80C52-12PQ Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C52-12W ICSI-IC80C52-12W Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C52-24PL ICSI-IC80C52-24PL Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IC80C51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com