Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2019DCG10 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616UV2019DCG10
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2019DCG10 Datasheet(HTML) 6 Page - Brilliance Semiconductor

  BS616UV2019DCG10 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2019DCG10 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2019DCG10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2019DCG10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2019DCG10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2019DCG10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2019DCG10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2019DCG10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2019DCG10 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Revision 1.1
Jan.
2004
6
BSI
BS616UV2019
R0201-BS616UV2019
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE1 (1)
t WR
(3)
t CW
(11)
t BW
(2)
t WP
t AW
t OHZ
(4,10)
t AS
(3)
t DH
t DW
D
IN
D
OUT
WE
CE
OE
ADDRESS
(5)
CE2
(5,12)
(5)
LB,UB
t WC
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
(Vcc = 1.9~3.6V)
(Vcc = 1.9~3.6V)
UNIT
t
AVAX
t
WC
Write Cycle Time
100
----
85
----
ns
t
E1LWH
t
CW
Chip Select to End of Write
100
----
85
----
ns
t
AVWL
t
AS
Address Setup Time
0--
--
0
--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
100
----
85
----
ns
t
WLWH
t
WP
Write Pulse Width
50
--
--
40
--
--
ns
t
WHAX
t
WR
Write recovery Time
(CE,CE2,WE)
0--
--
0
--
--
ns
t
BW
t
BW
Date Byte Control to End of Write
(LB,UB)
40
----
35
----
ns
t
WLQZ
t
WHZ
Write to Output in High Z
--
--
40
--
--
35
ns
t
DVWH
t
DW
Data to Write Time Overlap
40
--
--
35
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0--
--
0
--
--
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
40
--
--
35
ns
t
WHOX
t
OW
End of Write to Output Active
10
--
--
10
--
--
ns
AC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
WRITE CYCLE ( 48B BGA ignore CE2 condition)
1. tBW is 40ns/35ns (@speed=100ns/85ns) with address toggle. ; tBW is 100ns/85ns (@speed=100ns/85ns) without address toggle.
(1)
NOTE :
(CE,CE2)
MIN. TYP. MAX.
MIN. TYP. MAX.
CYCLE TIME : 100ns
CYCLE TIME : 85ns


Similar Part No. - BS616UV2019DCG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019DCG10 BSI-BS616UV2019DCG10 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019DCG10 BSI-BS616UV2019DCG10 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2019DCG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T Datasheet
160Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-I AMICC-LP62S16128C-I Datasheet
166Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com