Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1024UE-28TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT1024UE-28TE13
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1024UE-28TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT1024UE-28TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MR
VCC
NC
SCL
SDA
RESET
NC
VSS
CAT1024
1
2
3
4
8
7
6
5
CAT1024, CAT1025
Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
FEATURES
Precision power supply voltage monitor
— 5V, 3.3V and 3V systems
— Five threshold voltage options
Active high or low reset
— Valid reset guaranteed at V
CC = 1V
400kHz I2C bus
3.0V to 5.5V operation
Low power CMOS technology
16-Byte page write buffer
Built-in inadvertent write protection
— WP pin (CAT1025)
1,000,000 Program/Erase cycles
Manual reset input
100 year data retention
8-pin DIP, SOIC, TSSOP, MSOP &
TDFN (3x3mm foot print) packages
Industrial and extended temperature ranges
PIN CONFIGURATION
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DESCRIPTION
The CAT1024 and CAT1025 are complete memory and
supervisory solutions for microcontroller-based systems.
A 2k-bit serial EEPROM memory and a system power
supervisor with brown-out protection are integrated
together in low power CMOS technology. Memory
interface is via a 400kHz I2C bus.
The CAT1025 provides a precision VCC sense circuit
and two open drain outputs: one (RESET) drives high
and the other (
RESET) drives low whenever VCC falls
below the reset threshold voltage. The CAT1025 also
has a Write Protect input (WP). Write operations are
disabled if WP is connected to a logic high.
The CAT1024 also provides a precision VCC sense
circuit, but has only a
RESET output and does not have
a Write Protect input.
The power supply monitor and reset circuit protect
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
Doc No. 3008, Rev. M
voltages support 5V, 3.3V and 3V systems. If power supply
voltages are out of tolerance reset signals become active,
preventing the system microcontroller, ASIC or peripherals
from operating. Reset signals become inactive typically 200
ms after the supply voltage exceeds the reset threshold
level. With both active high and low reset signals, interface
to microcontrollers and other ICs is simple. In addition, the
RESET pin or a separate input, MR, can be used as an input
for push-button manual reset capability.
The CAT1024/25 memory features a 16-byte page. In
addition, hardware data protection is provided by a VCC
sense circuit that prevents writes to memory whenever VCC
falls below the reset threshold or until VCC reaches the reset
threshold during power up.
Available packages include an 8-pin DIP, 8-pin SOIC, 8-pin
TSSOP, 8-pin TDFN and 8-pin MSOP. The TDFN package
thickness is 0.8mm maximum. TDFN footprint is 3x3mm.
Preliminary Information
MR
VCC
SCL
SDA
RESET
VSS
CAT1025
1
2
3
4
8
7
6
5
VCC
WP
RESET
(Bottom View)
TDFN Package: 3mm x 3mm
0.8mm maximum height - (RD4, ZD4)
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
MR
RESET
NC
VSS
CAT1024
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
MR
RESET
RESET
VSS
CAT1025
ALO
GEN FR
TM
LEAD FREE
DIP Package (P, L)
SOIC Package (J, W)
TSSOP Package (U, Y)
MSOP Package (R, Z)


Similar Part No. - CAT1024UE-28TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024 CATALYST-CAT1024 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1024 ONSEMI-CAT1024 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
More results

Similar Description - CAT1024UE-28TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024_07 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WE-30 ONSEMI-CAT1025WE-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI30 ONSEMI-CAT1025WI30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com