Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV12816-10TI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS61LV12816-10TI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV12816-10TI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS61LV12816-10TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV12816-10TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV12816-10TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV12816-10TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV12816-10TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV12816-10TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV12816-10TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV12816-10TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV12816-10TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IS61LV12816
4
Integrated Circuit Solution, Inc.
SR023_0C
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
Vcc Dynamic Operating
VCC = Max., CE = VIL Com.
—
220
—
200
—
180
—
165
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
230
—
210
—
190
—
175
ISB
TTL Standby Current
VCC = Max.,
Com.
—
30
—
30
—
30
—
30
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—
40
—
40
—
40
—
40
CE ≥ VIH , f = 0
ISB
CMOS Standby
VCC = Max.,
Com.
—
10
—
10
—
10
—
10
mA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
—
15
—
15
—
15
—
15
VIN ≥ VCC – 0.2V, or
VIN ≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0-I/O7
I/O8-I/O15
Vcc Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB, ISB
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC
H
L
L
H
L
High-Z
DOUT
H
LLLL
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN


Similar Part No. - IS61LV12816-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816-10TI ISSI-IS61LV12816-10TI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816-10TI ISSI-IS61LV12816-10TI Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV12816-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1011 PYRAMID-P3C1011 Datasheet
110Kb / 10P
   HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com